Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-G2 Datasheet(PDF) 4 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 4 Page - Cree LED

  XP-G2 Datasheet HTML 1Page - Cree LED XP-G2 Datasheet HTML 2Page - Cree LED XP-G2 Datasheet HTML 3Page - Cree LED XP-G2 Datasheet HTML 4Page - Cree LED XP-G2 Datasheet HTML 5Page - Cree LED XP-G2 Datasheet HTML 6Page - Cree LED XP-G2 Datasheet HTML 7Page - Cree LED XP-G2 Datasheet HTML 8Page - Cree LED XP-G2 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement,
sponsorship or association.
4
XLAMP® XP-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 34).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLUX CHARACTERISTICS - HIGH EFFICACY (T
J = 85 °C)
The following table provides order codes for XLamp High-Efficacy XP-G2 LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 32). For definitions of the chromaticity kits, please see the Cree’s Standard
Chromaticity Kits section (page 31).
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
Order Codes
Kit
CCT
Code
Flux (lm) @
85 °C
Flux (lm) @
25 °C*
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
DT
7000 K
S4
164
180
XPGBWT-BE-0000-00LDT
S3
156
171
XPGBWT-BE-0000-00KDT
XPGBWT-HE-0000-00KDT
S2
148
163
XPGBWT-BE-0000-00JDT
XPGBWT-HE-0000-00JDT
R5
139
153
XPGBWT-HE-0000-00HDT
E1
6500 K
S4
164
180
XPGBWT-BE-0000-00LE1
S3
156
171
XPGBWT-BE-0000-00KE1
XPGBWT-HE-0000-00KE1
S2
148
163
XPGBWT-BE-0000-00JE1
XPGBWT-HE-0000-00JE1
R5
139
153
XPGBWT-HE-0000-00HE1
51
6200 K
S4
164
180
XPGBWT-BE-0000-00L51
S3
156
171
XPGBWT-BE-0000-00K51
XPGBWT-HE-0000-00K51
S2
148
163
XPGBWT-BE-0000-00J51
XPGBWT-HE-0000-00J51
R5
139
153
XPGBWT-HE-0000-00H51
R4
130
143
R3
122
134
XPGBWT-UE-0000-00F51
R2
114
125
XPGBWT-UE-0000-00E51
DV
6000 K
S4
164
180
XPGBWT-BE-0000-00LDV
S3
156
171
XPGBWT-BE-0000-00KDV
XPGBWT-HE-0000-00KDV
S2
148
163
XPGBWT-BE-0000-00JDV
XPGBWT-HE-0000-00JDV
R5
139
153
XPGBWT-HE-0000-00HDV
R4
130
143
R3
122
134
XPGBWT-UE-0000-00FDV
R2
114
125
XPGBWT-UE-0000-00EDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com