Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-G2 Datasheet(PDF) 12 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 12 Page - Cree LED

Back Button XP-G2 Datasheet HTML 8Page - Cree LED XP-G2 Datasheet HTML 9Page - Cree LED XP-G2 Datasheet HTML 10Page - Cree LED XP-G2 Datasheet HTML 11Page - Cree LED XP-G2 Datasheet HTML 12Page - Cree LED XP-G2 Datasheet HTML 13Page - Cree LED XP-G2 Datasheet HTML 14Page - Cree LED XP-G2 Datasheet HTML 15Page - Cree LED XP-G2 Datasheet HTML 16Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement,
sponsorship or association.
12
XLAMP® XP-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 34).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLUX CHARACTERISTICS - STANDARD (T
J = 85 °C) - CONTINUED
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
F6
3750 K
S2
148
163
XPGBWT-01-0000-
00JF6
R5
139
153
XPGBWT-01-0000-
00HF6
XPGBWT-L1-0000-
00HF6
XPGBWT-H1-0000-
00HF6
R4
130
143
XPGBWT-01-0000-
00GF6
XPGBWT-L1-0000-
00GF6
XPGBWT-H1-0000-
00GF6
R3
122
134
XPGBWT-01-0000-
00FF6
XPGBWT-L1-0000-
00FF6
XPGBWT-H1-0000-
00FF6
R2
114
125
XPGBWT-01-0000-
00EF6
XPGBWT-L1-0000-
00EF6
XPGBWT-H1-0000-
00EF6
Q5
107
118
XPGBWT-01-0000-
00DF6
XPGBWT-L1-0000-
00DF6
XPGBWT-H1-0000-
00DF6
E6
3500 K
S2
148
163
XPGBWT-01-0000-
00JE6
R5
139
153
XPGBWT-01-0000-
00HE6
XPGBWT-L1-0000-
00HE6
XPGBWT-H1-0000-
00HE6
R4
130
143
XPGBWT-01-0000-
00GE6
XPGBWT-L1-0000-
00GE6
XPGBWT-H1-0000-
00GE6
R3
122
134
XPGBWT-01-0000-
00FE6
XPGBWT-L1-0000-
00FE6
XPGBWT-H1-0000-
00FE6
R2
114
125
XPGBWT-01-0000-
00EE6
XPGBWT-L1-0000-
00EE6
XPGBWT-H1-0000-
00EE6
Q5
107
118
XPGBWT-01-0000-
00DE6
XPGBWT-L1-0000-
00DE6
XPGBWT-H1-0000-
00DE6
Z6
3500 K
R4
130
143
XPGBWT-L1-0000-
00GZ6
XPGBWT-H1-0000-
00GZ6
R3
122
134
XPGBWT-L1-0000-
00FZ6
XPGBWT-H1-0000-
00FZ6
R2
114
125
XPGBWT-L1-0000-
00EZ6
XPGBWT-H1-0000-
00EZ6
Q5
107
118
XPGBWT-L1-0000-
00DZ6
XPGBWT-H1-0000-
00DZ6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com