Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1355 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MB1355
Description  STM32WB Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MB1355 Datasheet(HTML) 1 Page - STMicroelectronics

  MB1355 Datasheet HTML 1Page - STMicroelectronics MB1355 Datasheet HTML 2Page - STMicroelectronics MB1355 Datasheet HTML 3Page - STMicroelectronics MB1355 Datasheet HTML 4Page - STMicroelectronics MB1355 Datasheet HTML 5Page - STMicroelectronics MB1355 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NUCLEO-WB55RG example. Boards
with different references show different
layouts. Picture is not contractual.
Features
•
Common features
–
STM32WB55RG (1-Mbyte Flash memory, 256-Kbyte SRAM, in VFQFPN68
package) or STM32WB15CC (320-Kbyte Flash memory, 48-Kbyte SRAM,
in VFQFPN48 package) ultra
‑low‑power wireless microcontroller featuring:
◦
Dual-core 32
‑bit (Arm® Cortex®-M4 and dedicated M0+ CPU for real-
time radio layer)
◦
2.4 GHz RF transceiver supporting Bluetooth® specification v5.2
–
Three user LEDs
–
One reset and three user push-buttons
–
Board connectors:
◦
ARDUINO® Uno V3 expansion connector
◦
ST morpho extension pin headers for full access to all STM32WB I/Os
–
Integrated PCB antenna and SMA connector footprint
–
Flexible power-supply options: ST-LINK, USB VBUS, or external sources
–
On-board footprint to mount a CR2032 battery socket
–
On-board ST-LINK/V2-1 debugger/programmer with USB re-enumeration
capability: mass storage, Virtual COM port, and debug port
–
Comprehensive free software libraries and examples available with the
STM32CubeWB MCU Package
–
Support of a wide choice of Integrated Development Environments (IDEs)
including IAR Embedded Workbench®, MDK-ARM, STM32CubeIDE, and
Mbed Studio
•
Board-specific features (STM32WB55RG only)
–
USB user with Micro-B connector
–
2.4 GHz RF transceiver supporting IEEE 802.15.4-2011 PHY and MAC with
Zigbee®, Thread®, and proprietary protocols
Description
The NUCLEO-WB55RG and NUCLEO-WB15CC STM32WB Nucleo-64 boards are
Bluetooth® Low Energy (BLE) wireless and ultra-low-power devices embedding a
powerful and ultra-low-power radio compliant with the Bluetooth® Low Energy (BLE)
SIG specification v5.2.
NUCLEO-WB55RG also offers a radio compliant with IEEE 802.15.4-2011 standard
and allows the simple and quick evaluation of STM32WB55xx and STM32WB35xx
devices.
The ARDUINO® Uno V3 connectivity support and the ST morpho headers provide
an easy means of expanding the functionality of the STM32WB Nucleo open
development platform with a wide choice of specialized shields.
Product status link
NUCLEO-WB55RG
NUCLEO-WB15CC
STM32WB Nucleo-64 boards
NUCLEO-WB55RG NUCLEO-WB15CC
Data brief
DB4388 - Rev 1 - January 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - MB1355

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MB1350 LAMBDA-MB1350 Datasheet
181Kb / 4P
Three Phase Input Noise Filter with Block Terminal
More results

Similar Description - MB1355

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
STM32 Nucleo-64 boards
UM1956 ETC2-UM1956 Datasheet
781Kb / 31P
STM32 Nucleo-32 boards
logo
STMicroelectronics
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
STM32 Nucleo-144 boards
26-Nov-2019
NUCLEO-XXXXZX STMICROELECTRONICS-NUCLEO-XXXXZX Datasheet
1Mb / 9P
STM32 Nucleo-144 boards
24-Jun-2021
P-NUCLEO-WB55 STMICROELECTRONICS-P-NUCLEO-WB55 Datasheet
370Kb / 5P
STM32WB Nucleo-68 pack for wireless solutions
27-Jun-2019
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
SPI display expansion boards for STM32 Nucleo-64
20-Oct-2021
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V01 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V02 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com