Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1355 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MB1355
Description  STM32WB Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MB1355 Datasheet(HTML) 3 Page - STMicroelectronics

  MB1355 Datasheet HTML 1Page - STMicroelectronics MB1355 Datasheet HTML 2Page - STMicroelectronics MB1355 Datasheet HTML 3Page - STMicroelectronics MB1355 Datasheet HTML 4Page - STMicroelectronics MB1355 Datasheet HTML 5Page - STMicroelectronics MB1355 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.2
Codification
The meaning of the codification is explained in Table 2.
Table 2. Codification explanation
NUCLEO-XXYYTZ
Description
Example: NUCLEO-WB55RG
XX
MCU series in STM32 32-bit Arm Cortex MCUs
STM32WB Series
YY
Product line in the Series
STM32WB55
T
STM32 package pin count:
•
C for 48 pins
•
R for 68 pins
68 pins
Z
STM32 Flash memory size:
•
C for 256 Kbytes
•
G for 1 Mbyte
1-Mbyte Flash memory
NUCLEO-WB55RG NUCLEO-WB15CC
Codification
DB4388 - Rev 1
page 3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com