Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5707 Datasheet(PDF) 21 Page - SONiX Technology Company

Part # SN8F5707
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5707 Datasheet(HTML) 21 Page - SONiX Technology Company

Back Button SN8F5707 Datasheet HTML 17Page - SONiX Technology Company SN8F5707 Datasheet HTML 18Page - SONiX Technology Company SN8F5707 Datasheet HTML 19Page - SONiX Technology Company SN8F5707 Datasheet HTML 20Page - SONiX Technology Company SN8F5707 Datasheet HTML 21Page - SONiX Technology Company SN8F5707 Datasheet HTML 22Page - SONiX Technology Company SN8F5707 Datasheet HTML 23Page - SONiX Technology Company SN8F5707 Datasheet HTML 24Page - SONiX Technology Company SN8F5707 Datasheet HTML 25Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
CPU
Datasheet Rev. 2.4
21
5
CPU
SN8F5000 family is an enhanced 8051 microcontroller (MCU). It is fully compatible with MCS-51
instructions, hence the ability to cooperate with modern development environment (e.g. Keil C51).
Generally speaking, SN8F5000 CPU has 9.4 to 12.1 times faster than the original 8051 at the same
frequency.
5.1 Memory Organization
SN8F5708 builds in three on-chip memories: internal RAM (IRAM), external RAM (XRAM), and
program memory (IROM). The internal RAM is a 256-byte RAM which has higher access
performance (direct and indirect addressing). By contrast, the external RAM has 1 KB of size, but it
requires a longer access period. The program memory is a 16 KB non-volatile memory and has a
maximum 8 MHz speed limitation.
0x3FFF
16 KB Flash
Memory
0x03FF
1 KB
RAM
0xFF
256 bytes
RAM
0x0000
0x0000
0x00
IROM
XRAM
IRAM
5.2 Internal RAM (IRAM)
256 X 8-bit RAM (Internal Data Memory)
Address
RAM Location
000h
Work Register Area
00h-7Fh of RAM is direct
01Fh
and indirect access RAM
020h
Bit Addressable Area
02Fh
030h
…
…
General Purpose Area
07Fh
080h
General Purpose Area
(Indirect Access)
Special Function Register
(Direct Access)
080h-0FFh store special
function registers.
…
…
…
0FFh
End of Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com