Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2362PCBA-41X Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2362PCBA-41X
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362PCBA-41X Datasheet(HTML) 2 Page - RF Micro Devices

  RF2362PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF2362
Rev A6 DS070816
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.0
V
DC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
150 to 2500
MHz
1880MHz Performance
Schematic per Evaluation Board, T = 25°C,
RF=1880MHz, V
PD =2.8 V
Gain
19
20.1
21.5
dB
V
CC =3.5V
19
20.1
21.5
dB
V
CC =3.0 V
19
20.1
21.5
dB
V
CC =2.7 V
Output IP3
+24
+25.5
+35
dBm
V
CC =3.5 V
+25.0
dBm
V
CC =3.0 V
+24.5
dBm
V
CC =2.7 V
Noise Figure
2.2
2.5
dB
V
CC =3.5 V
2.2
2.5
dB
V
CC =3.0 V
2.2
2.5
dB
V
CC =2.7 V
Reverse Isolation
32
dB
V
CC =3.5 V
32
dB
V
CC =3.0 V
32
dB
V
CC =2.7 V
Input VSWR
1.8:1
2.0:1
Output VSWR
1.6:1
2.0:1
Using External LC network used on Evaluation
Board
P
1dB
14
14.5
dBm
V
CC =3.5 V
12.5
14
dBm
V
CC =3.0 V
11
13.5
dBm
V
CC =2.7 V
Power Supply
T= 25 °C
Voltage (V
CC)
2.5 to 6.0
V
Voltage (V
PD)
2.7
2.8
2.9
V
Current Consumption
35
43
mA
V
CC = 3.5 V; VPD = 2.8 V; VPD + VCC - Current
Consumption from V
PD is 8.5 mA Typ. @ VPD =
2.8V and 12 mA Max @ V
PD = 2.9 V
32
38
mA
V
CC = 3.0 V; VPD =2.7 V; VPD + VCC
29
37
43
mA
V
CC = 2.7 V; VPD =2.9 V; VPD + VCC
Power Down
10
μΑ
V
CC = 3.5 V; VPD ≤ 0.9 V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com