Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2362PCBA-41X Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2362PCBA-41X
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362PCBA-41X Datasheet(HTML) 3 Page - RF Micro Devices

  RF2362PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2362PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF2362
Rev A6 DS070816
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is DC-coupled and matched to 50
Ω at 1880MHz.
2GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3VPD
Power Down for the IC. V
PD = 2.8 V +/- 0.1 V turns on the part. VPD <0.9 V
turns off the part. External RF bypassing is required. The trace length
between the pin and the bypass capacitors should be minimized. The
ground side of the bypass capacitors should connect immediately to
ground plane. Nominal current required for V
PD = 2.8 V is 8.5 mA typical
and 12 mA Max (@V
PD =2.9 V).
4RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be biased
to either VCC or pin 4 through a choke or matching inductor. This pin is typi-
cally matched to 50
Ω with a shunt bias/matching inductor and series
blocking/matching capacitor. Refer to application schematics.
5GND2
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
RF IN
PD
TO OUTPUT
STAGE
PD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com