Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5705FG Datasheet(PDF) 30 Page - SONiX Technology Company

Part # SN8F5705FG
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5705FG Datasheet(HTML) 30 Page - SONiX Technology Company

Back Button SN8F5705FG Datasheet HTML 26Page - SONiX Technology Company SN8F5705FG Datasheet HTML 27Page - SONiX Technology Company SN8F5705FG Datasheet HTML 28Page - SONiX Technology Company SN8F5705FG Datasheet HTML 29Page - SONiX Technology Company SN8F5705FG Datasheet HTML 30Page - SONiX Technology Company SN8F5705FG Datasheet HTML 31Page - SONiX Technology Company SN8F5705FG Datasheet HTML 32Page - SONiX Technology Company SN8F5705FG Datasheet HTML 33Page - SONiX Technology Company SN8F5705FG Datasheet HTML 34Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Special Function Registers
Datasheet Rev. 2.4
30
6.2 Special Function register Description
0x80 - 0x9F Registers Description
Register
Address
Description
P0
080H
Port 0 data buffer.
SP
081H
Stack pointer register.
DPL
082H
Data pointer 0 low byte register.
DPH
083H
Data pointer 0 high byte register.
DPL1
084H
Data pointer 1 low byte register.
DPH1
085H
Data pointer 1 high byte register.
WDTR
086H
Watchdog timer clear register.
PCON
087H
System mode register.
TCON
088H
Timer 0 / 1 controls register.
TMOD
089H
Timer 0 / 1 mode register.
TL0
08AH
Timer 0 counting low byte register.
TL1
08BH
Timer 1 counting low byte register.
TH0
08CH
Timer 0 counting high byte register.
TH1
08DH
Timer 1 counting high byte register.
CKCON
08EH
Extended cycle controls register.
PEDGE
08FH
External interrupt edge controls register.
P1
090H
Port 1 data buffer.
P1W
091H
Port 1 wake-up controls register.
DPS
092H
Data pointer selects register.
DPC
093H
Data pointer controls register.
PECMD
094H
In-System Program command register.
PEROML
095H
In-System Program ROM address low byte
PEROMH
096H
In-System Program ROM address high byte
PERAM
097H
In-System Program RAM mapping address
S0CON
098H
UART control register.
S0BUF
099H
UART data buffer.
IEN2
09AH
Interrupts enable register
OPM
09BH
OP-AMP controls register.
CMP0M
09CH
Comparator 0 controls register.
CMP1M
09DH
Comparator 1 controls register.
P2CON
09EH
Port 2 configuration controls register.
P3CON
09FH
Port 3 configuration controls register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com