Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5705FG Datasheet(PDF) 42 Page - SONiX Technology Company

Part # SN8F5705FG
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5705FG Datasheet(HTML) 42 Page - SONiX Technology Company

Back Button SN8F5705FG Datasheet HTML 38Page - SONiX Technology Company SN8F5705FG Datasheet HTML 39Page - SONiX Technology Company SN8F5705FG Datasheet HTML 40Page - SONiX Technology Company SN8F5705FG Datasheet HTML 41Page - SONiX Technology Company SN8F5705FG Datasheet HTML 42Page - SONiX Technology Company SN8F5705FG Datasheet HTML 43Page - SONiX Technology Company SN8F5705FG Datasheet HTML 44Page - SONiX Technology Company SN8F5705FG Datasheet HTML 45Page - SONiX Technology Company SN8F5705FG Datasheet HTML 46Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Reset and Power-on Controller
Datasheet Rev. 2.4
42
7.5 External Reset Pin
Programmable external reset pin is configurable in options file. Once it is enabled, it monitors its
shared pin’s logic level. A logical low (lower than 30% of VDD) would immediately trigger system
reset until the input is recovered to high (lager than 70% of VDD).
An optional de-bounce period can improve reset signal’s stability. Instead of immediate reset, the
system reset requires an 8-ms-long logic low to avoid bouncing from a button key. Any signal lower
than de-bounce period would not affect the CPU’s execution.
MCU
VDD
VSS
VCC
GND
RST
R1
47K ohm
C1
0.1uF
R2
100 ohm
MCU
VDD
VSS
VCC
GND
RST
R1
47K ohm
C1
0.1uF
DIODE
R2
100 ohm
Note:
1. The reset circuit is no any protection against unusual power or brown out reset on the
left side of the figure.
2. The R2 100 ohm resistor of “Simply reset circuit” and “Diode & RC reset circuit” is
necessary to limit any current flowing into reset pin from external capacitor C in
the event of reset pin breakdown due to Electrostatic Discharge (ESD) or Electrical
Over-stress (EOS) on the right side of the figure.
7.6 Software Reset
A software reset would be generated after consecutively set SRSTREQ register. As a result, this
procedure enables firmware’s ability to reset microcontroller (e.g. reset after firmware update).
The following sample C code repeatedly set the least bit of SRST register to perform software reset.
1
2
SRST = 0x01;
SRST = 0x01;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com