Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28159PVC Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28159PVC Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button CY28159PVC Datasheet HTML 3Page - SpectraLinear Inc CY28159PVC Datasheet HTML 4Page - SpectraLinear Inc CY28159PVC Datasheet HTML 5Page - SpectraLinear Inc CY28159PVC Datasheet HTML 6Page - SpectraLinear Inc CY28159PVC Datasheet HTML 7Page - SpectraLinear Inc CY28159PVC Datasheet HTML 8Page - SpectraLinear Inc CY28159PVC Datasheet HTML 9Page - SpectraLinear Inc CY28159PVC Datasheet HTML 10Page - SpectraLinear Inc CY28159PVC Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY28159
Rev 1.0, November 24, 2006
Page 7 of 12
Note:
4. Inom refers to the expected current based on the configuration of the device.
Table 8. Current Accuracy
Conditions
Configuration
Load
Min.
Max.
Iout
VDD = nominal (3.30V) All combinations of M0, M1 and Rr shown in
Host Swing Select Function, Table 6 on page 5
Nominal test load for
given configuration
–7% Inom
+7% Inom
Iout
VDD = 3.30 ± 5%
All combinations of M0, m1 and Rr shown in
Host Swing Select Function, Table 6 on page 5
Nominal test load for
given configuration
–12% Inom +12% Inom
Table 9. Buffer Characteristics for REF, 48M(0,1)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IOHmin
Pull-Up Current Min.
VOH = VDDmin – 0.5V (2.64V)
–12
–53
mA
IOHmax
Pull-Up Current Max.
VOH = VDDmin/2 (1.56V)
–27
–92
mA
IOLmin
Pull-Down Current Min.
VOL = 0.4V
9
27
mA
IOLmax
Pull-Down Current Max.
VOL = VDDmin/2 (1.56V)
26
79
mA
Trh
3.3V Output Rise Edge Rate
3.3V ± 5% @ 0.4V–2.4V
0.5
2.0
V/ns
Tfh
3.3V Output Fall Edge Rate
3.3V ± 5% @ 2.4V–0.4V
0.5
2.0
V/ns
Table 10.Buffer Characteristics for 3V33[4]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IOHmin
Pull-Up Current Min.
VOH = VDDmin – 0.5V (2.64V)
–11
–83
mA
IOHmax
Pull-Up Current Max.
VOH = VDDmin/2 (1.56V)
–30
–184
mA
IOLmin
Pull-Up Current Max.
VOL = 0.4V
9
38
mA
IOLmax
Pull-Down Current Max.
VOL = VDDmin/2 (1.56V)
28
148
mA
Trh
3.3V Output Rise Edge Rate
3.3V ± 5% @ 0.4V–2.4V
1/1
4/1
V/ns
Tfh
3.3V Output Fall Edge Rate
3.3V ± 5% @ 2.4V–0.4V
1/1
4/1
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com