Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28159PVC Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28159PVC Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28159PVC Datasheet HTML 4Page - SpectraLinear Inc CY28159PVC Datasheet HTML 5Page - SpectraLinear Inc CY28159PVC Datasheet HTML 6Page - SpectraLinear Inc CY28159PVC Datasheet HTML 7Page - SpectraLinear Inc CY28159PVC Datasheet HTML 8Page - SpectraLinear Inc CY28159PVC Datasheet HTML 9Page - SpectraLinear Inc CY28159PVC Datasheet HTML 10Page - SpectraLinear Inc CY28159PVC Datasheet HTML 11Page - SpectraLinear Inc CY28159PVC Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY28159
Rev 1.0, November 24, 2006
Page 8 of 12
Maximum Ratings[5]
Input Voltage Relative to VSS:...............................VSS – 0.3V
Input Voltage Relative to VDDQ or AVDD: ............. VDD + 0.3V
Storage Temperature: ................................ –65 C to + 150 C
Operating Temperature:.................................... 0 C to +70 C
Maximum ESD............................................................. 2000V
Maximum Power Supply: ................................................ 5.5V
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field. However,
precautions should be take to avoid application of any voltage
higher than the maximum rated voltages to this circuit. For
proper operation, VIN and VOUT should be constrained to the
range.
VSS < (VIN or VOUT)< VDD
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDD).
Notes:
5. The voltage on any input or I/O pin canno t exceed th power pin during power-up. Power supply sequencing is NOT required.
6. Applicable to input signals: Sel100/133, Sel(0:1)), Spread#, PWRDN#, Mult(0:1)
7. Although internal pull-up or pull-down resistors have a typical value of 250k, this value may vary between 200k and 500k.
8. All outputs loaded as per Table 4.
DC Parameters (VDD = VDDA = 3.3V±5%, TA= 0°C to +70°C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL1
Input Low Voltage
Note 6
0.8
Vdc
VIH1
Input High Voltage
2.0
Vdc
IIL
Input Low Current (@VIN–VDD)
For internal pull-up resistors[6]
–16
–4
A
IIH
Input High Current (@VIN–VDD)0
5
A
IIL
nput Low Current (@VIN–VSS)
For internal pull-down resistors[6]
0
A
IIH
Input High Current (@VIN–VSS)4
16
A
Ioz
Three-State leakage current
10
A
Idd
Static Supply Current
PwrDwn = Low
80
mA
Isdd
Dynamic Supply Current
133 MHz CPU[8]
200
mA
Cin
Input Pin Capacitance
5pF
Cout
Output Pin Capacitance
6pF
Lpin
Pin Inductance
7nH
Cxtal
Crystal Pin Capacitance
Measured from Pin to Ground.
34
36
38
pH
Txs
Crsytal Startup Time
From stable 3.3V power supply
40
S
Rpi
Internal Pull-up and Pull-down
Resistor Value[7]
200
250
500
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com