Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP467 Datasheet(PDF) 9 Page - Analog Devices

Part # OP467
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP467_07 Datasheet HTML 5Page - Analog Devices OP467_07 Datasheet HTML 6Page - Analog Devices OP467_07 Datasheet HTML 7Page - Analog Devices OP467_07 Datasheet HTML 8Page - Analog Devices OP467_07 Datasheet HTML 9Page - Analog Devices OP467_07 Datasheet HTML 10Page - Analog Devices OP467_07 Datasheet HTML 11Page - Analog Devices OP467_07 Datasheet HTML 12Page - Analog Devices OP467_07 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
OP467
Rev. F | Page 9 of 20
–50
–40
–30
–20
–10
0
–100
–90
–80
–70
–60
100
1k
10k
100k
FREQUENCY (Hz)
1M
10M
100M
VS = ±15V
Figure 18. Channel Separation vs. Frequency
10
12
0
2
4
6
8
1
10
100
FREQUENCY (Hz)
1k
±5V ≤ VS ≤ 15V
Figure 19. Input Current Noise Density vs. Frequency
10
100
1.0
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 20. Voltage Noise Density vs. Frequency
0
1
2
3
4
–4
–3
–2
–1
0
100
200
300
400
500
TIME (ns)
VS = ±15V
VIN = ±5V
CL = 50pF
Figure 21. Settling Time, Negative Edge
0
1
2
3
4
–4
–3
–2
–1
0
100
200
300
400
500
TIME (ns)
VS = ±15V
VIN = ±5V
CL = 50pF
Figure 22. Settling Time, Positive Edge
0
5
10
15
20
–20
–15
–10
–5
0
±5
±10
±15
±20
SUPPLY VOLTAGE (V)
TA = 25°C
Figure 23. Input Voltage Range vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com