Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5521 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices ADL5521 Datasheet HTML 10Page - Analog Devices ADL5521 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 7 of 45
AC SPECIFICATIONS (CONT.)
T = 25°C, RBIAS = 3.3KΩ, parameters include matching circuit, matched for optimal noise, unless otherwise noted
Table 4.
Parameter
Conditions
3V
5V
Min
Typ
Max
Min
Typ
Max
Unit
Frequency = 3500MHz
Gain (S21)
10.0
10.5
dB
Gain Flatness
In the [3400 – 3600]
frequency band
TBD
TBD
dB/MHz
Gain vs. Temperature -
40° to +85 C°
TBD
TBD
dB/degC
Noise Figure
RBIAS = 3.3K
Ω
1.1
1.1
dB
RBIAS = 5.2K
Ω
1.1
1.1
Output IP3
Two tones, each 0dBm
out
28.1
33
dBm
Output 1 dB Compression
Point
15.0
20.2
dBm
Input return loss (S11)
-8.6
-9.1
dB
Output return loss (S22)
-17.1
-17.1
dB
Isolation (S12)
-18.0
-18.3
dB
DC Specifications
Parameter
Conditions
3V
5V
Min
Typ
Max
Min
Typ
Max
Unit
Current Consumption
RBIAS = 3.3K
Ω
36
65
ma
RBIAS = 5.2K
Ω
TBD
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com