Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5521 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 19Page - Analog Devices ADL5521 Datasheet HTML 20Page - Analog Devices ADL5521 Datasheet HTML 21Page - Analog Devices ADL5521 Datasheet HTML 22Page - Analog Devices ADL5521 Datasheet HTML 23Page - Analog Devices ADL5521 Datasheet HTML 24Page - Analog Devices ADL5521 Datasheet HTML 25Page - Analog Devices ADL5521 Datasheet HTML 26Page - Analog Devices ADL5521 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 23 of 45
TYPICAL PERFORMANCE CHARACTERISTICS, 1300MHZ, VPOS = 3V
Matched for optimal noise figure, external matching circuit included.
Figure 57. Typical S Parameters, Log magnitude
Figure 58. S11 and S22, Smith Chart
Figure 59.Gain, P1dB, OIP3 vs. Frequency
Figure 60. Distribution of Noise Figure for Five Parts
Figure 61. Output Power and Gain vs. Temperature
Figure 62. O IP3 vs. Output Power, Temperature and Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com