Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293ES Datasheet(PDF) 1 Page - Analog Devices

Part # OP293ES
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293ES Datasheet(HTML) 1 Page - Analog Devices

  OP293ES Datasheet HTML 1Page - Analog Devices OP293ES Datasheet HTML 2Page - Analog Devices OP293ES Datasheet HTML 3Page - Analog Devices OP293ES Datasheet HTML 4Page - Analog Devices OP293ES Datasheet HTML 5Page - Analog Devices OP293ES Datasheet HTML 6Page - Analog Devices OP293ES Datasheet HTML 7Page - Analog Devices OP293ES Datasheet HTML 8Page - Analog Devices OP293ES Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP193/OP293/OP493*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Precision, Micropower
Operational Amplifiers
PIN CONFIGURATIONS
FEATURES
Operates from +1.7 V to
18 V
Low Supply Current: 15
A/Amplifier
Low Offset Voltage: 75
V
Outputs Sink and Source:
8 mA
No Phase Reversal
Single- or Dual-Supply Operation
High Open-Loop Gain: 600 V/mV
Unity-Gain Stable
APPLICATIONS
Digital Scales
Strain Gages
Portable Medical Equipment
Battery-Powered Instrumentation
Temperature Transducer Amplifier
GENERAL DESCRIPTION
The OP193 family of single-supply operational amplifiers fea-
tures a combination of high precision, low supply current and
the ability to operate at low voltages. For high performance in
single-supply systems the input and output ranges include
ground, and the outputs swing from the negative rail to within
600 mV of the positive supply. For low voltage operation the
OP193 family can operate down to 1.7 volts or
±0.85 volts.
The combination of high accuracy and low power operation
make the OP193 family useful for battery-powered equipment.
Its low current drain and low voltage operation allow it to
continue performing long after other amplifiers have ceased
functioning either because of battery drain or headroom.
The OP193 family is specified for single +2 volt through dual
±15 volt operation over the HOT (–40°C to +125°C) temperature
range. They are available in plastic DIPs, plus SOIC surface-
mount packages.
14-Lead Epoxy DIP
(P Suffix)
16-Lead Wide Body SOL
(S Suffix)
8-Lead Epoxy DIP
(P Suffix)
8-Lead SO
(S Suffix)
8-Lead Epoxy DIP
(P Suffix)
8-Lead SO
(S Suffix)
1
2
3
4
8
7
6
5
OP293
OUT B
–IN B
+IN B
V+
OUT A
–IN A
+IN A
V–
OP293
OUT A
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
NC = NO CONNECT
1
2
3
4
8
7
6
5
OUT A
V+
NULL
NC
NULL
–IN A
+IN A
V–
OP193
OP193
OUT A
V+
NULL
NC
NULL
–IN A
+IN A
V–
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OP493
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP493
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
NC = NO CONNECT


Similar Part No. - OP293ES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP293ES AD-OP293ES Datasheet
266Kb / 16P
Precision, Micropower Operational Amplifiers
REV.A
OP293ES AD-OP293ES Datasheet
380Kb / 20P
Precision, Micropower Operational Amplifiers
REV. C
OP293ES-REEL AD-OP293ES-REEL Datasheet
266Kb / 16P
Precision, Micropower Operational Amplifiers
REV.A
OP293ES-REEL AD-OP293ES-REEL Datasheet
380Kb / 20P
Precision, Micropower Operational Amplifiers
REV. C
OP293ES-REEL7 AD-OP293ES-REEL7 Datasheet
266Kb / 16P
Precision, Micropower Operational Amplifiers
REV.A
More results

Similar Description - OP293ES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193 AD-OP193 Datasheet
266Kb / 16P
Precision, Micropower Operational Amplifiers
REV.A
OP727 AD-OP727 Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
Precision, Micropower Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com