Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293ES Datasheet(PDF) 14 Page - Analog Devices

Part # OP293ES
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293ES Datasheet(HTML) 14 Page - Analog Devices

Back Button OP293ES Datasheet HTML 8Page - Analog Devices OP293ES Datasheet HTML 9Page - Analog Devices OP293ES Datasheet HTML 10Page - Analog Devices OP293ES Datasheet HTML 11Page - Analog Devices OP293ES Datasheet HTML 12Page - Analog Devices OP293ES Datasheet HTML 13Page - Analog Devices OP293ES Datasheet HTML 14Page - Analog Devices OP293ES Datasheet HTML 15Page - Analog Devices OP293ES Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. B
OP193/OP293/OP493
–14–
VOUTA
1/4 OP493
A
2
3
R1
100k
11
1
2
VREFA
IOUT1A
IOUT1B
4
5
6
IOUT2A/2B
DAC A
1/4
DAC8408
DAC B
1/4
DAC8408
IOUT1C
DAC C
1/4
DAC8408
IOUT1D
DAC D
1/4
DAC8408
VOUTB
1/4 OP493
B
6
5
R2
100k
7
8
VREFB
VOUTC
1/4 OP493
C
13
12
R3
100k
14
27
VREFC
VOUTD
1/4 OP493
D
9
10
R4
100k
8
21
VREFD
DAC DATA BUS
PINS 9(LSB)–16(MSB)
24 IOUT2C/2D
23
25
5V
1
VDD
AD589
1.23V
5V
17
18
19
20
A/B
R/
W
DS1
DS2
DAC8408ET
DIGITAL
CONTROL
SIGNALS
28
DGND
OP493
4
5V
3.6k
Figure 13. Micropower Single-Supply Quad Voltage-
Output 8-Bit DAC
A Single-Supply Micropower Quad Programmable-Gain
Amplifier
The combination of the quad OP493 and the DAC8408 quad
8-bit CMOS DAC creates a quad programmable-gain amplifier
with a quiescent supply drain of only 140
µA (Figure 14). The
digital code present at the DAC, which is easily set by a micro-
processor, determines the ratio between the fixed DAC feedback
resistor and the resistance that the DAC feedback ladder pre-
sents to the op amp feedback loop. The gain of each amplifier is:
V
Vn
OUT
IN
=
256
where n equals the decimal equivalent of the 8-bit digital code
present at the DAC.
If the digital code present at the DAC consists of all zeros, the
feedback loop will be open causing the op amp to saturate. The
10 M
Ω resistors placed in parallel with the DAC feedback loop
eliminates this problem with a very small reduction in gain
accuracy. The 2.5 V reference biases the amplifiers to the center
of the linear region providing maximum output swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com