Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP491GPZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP491GPZ
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491GPZ Datasheet(HTML) 1 Page - Analog Devices

  OP491GPZ Datasheet HTML 1Page - Analog Devices OP491GPZ Datasheet HTML 2Page - Analog Devices OP491GPZ Datasheet HTML 3Page - Analog Devices OP491GPZ Datasheet HTML 4Page - Analog Devices OP491GPZ Datasheet HTML 5Page - Analog Devices OP491GPZ Datasheet HTML 6Page - Analog Devices OP491GPZ Datasheet HTML 7Page - Analog Devices OP491GPZ Datasheet HTML 8Page - Analog Devices OP491GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Micropower Single-Supply
Rail-to-Rail Input/Output Op Amps
OP191/OP291/OP491
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 2.7 V to 12 V
Wide input voltage range
Rail-to-rail output swing
Low supply current: 300 μA/amp
Wide bandwidth: 3 MHz
Slew rate: 0.5 V/μs
Low offset voltage: 700 μV
No phase reversal
APPLICATIONS
Industrial process control
Battery-powered instrumentation
Power supply control and protection
Telecommunications
Remote sensors
Low voltage strain gage amplifiers
DAC output amplifiers
PIN CONFIGURATIONS
NC = NO CONNECT
OP191
NC 1
–INA 2
+INA 3
–V 4
NC
+V
OUTA
NC
8
7
6
5
OP291
OUTA 1
–INA 2
+INA 3
–V 4
+V
OUTB
–INB
+INB
8
7
6
5
Figure 1. 8-Lead Narrow-Body SOIC
Figure 2. 8-Lead Narrow-Body SOIC
OP491
OUTA 1
–INA 2
+INA 3
+V 4
OUTD
–IND
+IND
–V
14
13
12
11
+INB 5
–INB 6
OUTB 7
+INC
–INC
OUTC
10
9
8
OP491
OUTA 1
–INA 2
+INA 3
+V 4
+INB 5
OUTD
–IND
+IND
–V
+INC
14
13
12
11
10
–INB 6
OUTB 7
–INC
OUTC
9
8
+
-
+
-
Figure 3. 14-Lead Narrow-Body SOIC
Figure 4. 14-Lead PDIP
OP491
OUTA 1
–INA 2
+INA 3
+V
4
OUTD
–IND
+IND
–V
14
13
12
11
+INB
5
–INB
6
OUTB 7
+INC
–INC
OUTC
10
9
8
Figure 5. 14-Lead TSSOP
GENERAL DESCRIPTION
The OP191, OP291, and OP491 are single, dual, and quad
micropower, single-supply, 3 MHz bandwidth amplifiers
featuring rail-to-rail inputs and outputs. All are guaranteed to
operate from a +3 V single supply as well as ±5 V dual supplies.
Fabricated on Analog Devices CBCMOS process, the OPx91
family has a unique input stage that allows the input voltage to
safely extend 10 V beyond either supply without any phase
inversion or latch-up. The output voltage swings to within
millivolts of the supplies and continues to sink or source
current all the way to the supplies.
Applications for these amplifiers include portable tele-
communications equipment, power supply control and
protection, and interface for transducers with wide output
ranges. Sensors requiring a rail-to-rail input amplifier include
Hall effect, piezo electric, and resistive transducers.
The ability to swing rail-to-rail at both the input and output
enables designers to build multistage filters in single-supply
systems and to maintain high signal-to-noise ratios.
The OP191/OP291/OP491 are specified over the extended
industrial –40°C to +125°C temperature range. The OP191
single and OP291 dual amplifiers are available in 8-lead plastic
SOIC surface-mount packages. The OP491 quad is available in a
14-lead PDIP, a narrow 14-lead SOIC package, and a 14-lead
TSSOP.


Similar Part No. - OP491GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP491GPZ AD-OP491GPZ Datasheet
561Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
More results

Similar Description - OP491GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
logo
Intersil Corporation
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
June 23, 2006
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com