Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G055-CF Datasheet(PDF) 5 Page - ebm-papst

Part # M3G055-CF
Description  EC centrifugal fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G055-CF Datasheet(HTML) 5 Page - ebm-papst

  M3G055-CF Datasheet HTML 1Page - ebm-papst M3G055-CF Datasheet HTML 2Page - ebm-papst M3G055-CF Datasheet HTML 3Page - ebm-papst M3G055-CF Datasheet HTML 4Page - ebm-papst M3G055-CF Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EC centrifugal fan
forward curved, dual inlet
with housing (flange)
D3G133-BF03-06
Charts: Air flow 50 Hz
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
qv[cfm]
550
500
450
400
350
300
250
200
150
100
50
0
300
290
280
270
260
250
240
230
220
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1,2
1,15
1,1
1,05
1
0,95
0,9
0,85
0,8
0,75
0,7
0,65
0,6
0,55
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
0
pf s[P
a]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Measurement: LU-108839
Measurement: LU-108841
Measurement: LU-108842
Measurement: LU-108844
Air performance measured as per ISO 5801
Installation category A. For detailed
information on the measuring set-up, please
contact ebm-papst. Suction-side noise
levels: LwA measured as per ISO 13347 /
LpA measured with 1m distance to fan axis.
The values given are valid under the
measuring conditions mentioned above and
may vary according to the actual installation
situation. With any deviation from the
standard set-up, the specific values have to
be checked and reviewed with the unit
installed.
Measured values
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
U
V
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
f
Hz
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
n
min-1
1260
1550
1825
2055
1270
1460
1720
1930
1110
1270
1440
1570
855
960
1070
1110
Ped
W
86
82
62
47
83
69
51
39
53
44
30
22
25
21
15
10
I
A
0.64
0.63
0.48
0.36
0.63
0.54
0.39
0.30
0.41
0.34
0.23
0.17
0.19
0.16
0.12
0.09
qv
m3/h
890
740
460
235
865
690
435
220
745
600
365
180
575
445
260
125
pfs
Pa
0
85
165
225
0
75
149
192
0
56
104
128
0
31
54
64
U = Supply voltage · f = Frequency · n = Speed · Ped = Power input · I = Current draw · qv = Air flow · pfs = Pressure increase
Item no. 50120-5-9980 · Revision 76342 · Release 2013-03-21 · Page 5 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com