Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G055-CF Datasheet(PDF) 2 Page - ebm-papst

Part # M3G055-CF
Description  EC centrifugal fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G055-CF Datasheet(HTML) 2 Page - ebm-papst

  M3G055-CF Datasheet HTML 1Page - ebm-papst M3G055-CF Datasheet HTML 2Page - ebm-papst M3G055-CF Datasheet HTML 3Page - ebm-papst M3G055-CF Datasheet HTML 4Page - ebm-papst M3G055-CF Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC centrifugal fan
forward curved, dual inlet
with housing (flange)
D3G133-BF03-06
Technical features
Mass
3 kg
Size
133 mm
Surface of rotor
Uncoated
Material of impeller
Sheet steel, galvanised
Housing material
Sheet steel, galvanised
Motor suspension
Motor mounted via brackets on one side
Direction of rotation
Clockwise, seen on rotor
Type of protection
IP 42
Insulation class
"B"
Humidity class
F3-1
Max. permissible ambient motor
temp. (transp./ storage)
+ 80 °C
Min. permissible ambient motor
temp. (transp./storage)
- 40 °C
Mounting position
Shaft horizontal
Condensate discharge holes
None
Operation mode
S1
Motor bearing
Ball bearing
Technical features
- Output 10 VDC, max. 1.1 mA
- Tach output
- Motor current limit
- Soft start
- Control input 0-10 VDC / PWM
- Control interface with SELV potential safely disconnected from the mains
- Over-temperature protected motor
EMC interference immunity
Acc. to EN 61000-6-2 (industrial environment)
EMC harmonics
Acc. to EN 61000-3-2/3
EMC interference emission
Acc. to EN 61000-6-3 (household environment)
Touch current acc. IEC 60990
(measuring network Fig. 4, TN
system)
<= 3.5 mA
Electrical leads
With plug
Motor protection
Thermal overload protector (TOP) wired internally
Cable exit
Lateral
Protection class
I (if protective earth is connected by customer)
Product conforming to standard
EN 60335-1
Item no. 50120-5-9980 · Revision 76342 · Release 2013-03-21 · Page 2 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com