Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FS Datasheet(PDF) 17 Page - Analog Devices

Part # OP484FS
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FS Datasheet(HTML) 17 Page - Analog Devices

Back Button OP484FS Datasheet HTML 13Page - Analog Devices OP484FS Datasheet HTML 14Page - Analog Devices OP484FS Datasheet HTML 15Page - Analog Devices OP484FS Datasheet HTML 16Page - Analog Devices OP484FS Datasheet HTML 17Page - Analog Devices OP484FS Datasheet HTML 18Page - Analog Devices OP484FS Datasheet HTML 19Page - Analog Devices OP484FS Datasheet HTML 20Page - Analog Devices OP484FS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 17 of 24
The low TCV
SINGLE-SUPPLY, 3 V INSTRUMENTATION
AMPLIFIER
OS
of the OP284 at 1.5 μV/°C helps maintain an
output voltage temperature coefficient that is dominated by the
temperature coefficients of R2 and R3. In this circuit with
100 ppm/°C TCR resistors, the output voltage exhibits a
temperature coefficient of 200 ppm/°C. Lower tempco resistors
are recommended for more accurate performance over
temperature.
The low noise, wide bandwidth, and rail-to-rail input/output
operation of the OP284 make it ideal for low supply voltage
applications such as in the two op amp instrumentation
amplifier shown in Figure 52. The circuit uses the classic two
op amp instrumentation amplifier topology with four resistors
to set the gain. The transfer equation of the circuit is identical to
that of a noninverting amplifier. Resistor R2 and Resistor R3
should be closely matched to each other, as well as to Resistors
(R1 + P1) and Resistor R4 to ensure good common-mode
rejection performance. Resistor networks should be used in this
circuit for R2 and R3 because they exhibit the necessary relative
tolerance matching for good performance. Matched networks
also exhibit tight relative resistor temperature coefficients for
good circuit temperature stability. Trimming Potentiometer P1
is used for optimum dc CMR adjustment, and C1 is used to
optimize ac CMR. With the circuit values as shown, Circuit CMR
is better than 80 dB over the frequency range of 20 Hz to 20 kHz.
Circuit RTI (Referred-to-Input) noise in the 0.1 Hz to 10 Hz
band is an impressively low 0.45 μV p-p. Resistor RP1 and
Resistor RP2 serve to protect the OP284 inputs against input
overvoltage abuse. Capacitor C2 can be included to the limit
circuit bandwidth and, therefore, wide bandwidth noise
in sensitive applications. The value of this capacitor should be
adjusted depending on the required closed-loop bandwidth of
the circuit. The R4 to C2 time constant creates a pole at a
frequency equal to
One measure of the performance of a voltage reference is its
capacity to recover from sudden changes in load current. While
sourcing a steady-state load current of 1 mA, this circuit recovers
to 0.01% of the programmed output voltage in 1.5 μs for a total
change in load current of ±1 mA.
2.5VREF
3
2
1
3V
8
4
R3
100kΩ
R2
100kΩ
P1
5kΩ
R1
17.4kΩ
3V
0.1µF
AD589
1/2
OP284
+
RESISTORS = 1%, 100ppm/°C
POTENTIOMETER = 10 TURN, 100ppm/°C
Figure 53. 2.5 V Reference That Operates on a Single 3 V Supply
5 V ONLY, 12-BIT DAC SWINGS RAIL-TO-RAIL
The OP284 is ideal for use with a CMOS DAC to generate a
digitally controlled voltage with a wide output range. Figure 54
shows a DAC8043 used in conjunction with the AD589 to gen-
erate a voltage output from 0 V to 1.23 V. The DAC is actually
operating in voltage switching mode, where the reference is
connected to the current output, I
()
2
4
2
1
3
C
R
dB
f
π
=
2.5 V REFERENCE FROM A 3 V SUPPLY
OUT
, and the output voltage is
taken from the VREF pin. This topology is inherently noninverting,
as opposed to the classic current output mode, which is
inverting and not usable in single-supply applications.
In many single-supply applications, the need for a 2.5 V
reference often arises. Many commercially available monolithic
2.5 V references require at least a minimum operating supply of
4 V. The problem is exacerbated when the minimum operating
supply voltage is 3 V. The circuit illustrated in
3
2
1
5V
5V
8
4
R3
232Ω
1%
R2
32.4Ω
1%
R1
17.8kΩ
R4
100kΩ
1%
AD589
GND CLK SR1 LD
VREF
RRB
VDD
IOUT
1.23V
4
8
2
1
3
DAC8043
DIGITAL
CONTROL
765
1/2
OP284
VOUT =
D
4096 (5V)
Figure 53 is an
example of a 2.5 V reference that operates from a single 3 V
supply. The circuit takes advantage of the OP284 rail-to-rail
input/output voltage ranges to amplify an AD589 1.235 V
output to 2.5 V.
VOUT
5
6
7
3V
A1, A2 = 1/2 OP284
GAIN = 1 +
R4
R3
SET R2 = R3
R1 + P1 = R4
8
4
C2
RP1
1kΩ
RP2
1kΩ
R1
9.53kΩ
R2
1.1kΩ
R3
1.1kΩ
R4
10kΩ
P1
500Ω
3
2
1
VIN
A1
+
A2
C1
AC CMRR
TRIM
5pF TO 40pF
Figure 54. 5 V Only, 12-Bit DAC Swings Rail-to-Rail
In this application the OP284 serves two functions. First, it
buffers the high output impedance of the DAC’s VREF pin, which
is on the order of 10 kΩ. The op amp provides a low impedance
output to drive any following circuitry.
Figure 52. Single Supply, 3 V Low Noise Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com