Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FS Datasheet(PDF) 19 Page - Analog Devices

Part # OP484FS
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FS Datasheet(HTML) 19 Page - Analog Devices

Back Button OP484FS Datasheet HTML 15Page - Analog Devices OP484FS Datasheet HTML 16Page - Analog Devices OP484FS Datasheet HTML 17Page - Analog Devices OP484FS Datasheet HTML 18Page - Analog Devices OP484FS Datasheet HTML 19Page - Analog Devices OP484FS Datasheet HTML 20Page - Analog Devices OP484FS Datasheet HTML 21Page - Analog Devices OP484FS Datasheet HTML 22Page - Analog Devices OP484FS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 19 of 24
LOW DROPOUT REGULATOR WITH CURRENT
LIMITING
For this example, because VOUT of 4.5 V with VOUT2 = 2.5 V
requires a U1B gain of 1.8 times, R3 and R2 are chosen for a
ratio of 1.2:1 or 10.0 kΩ:8.06 kΩ (using closest 1% values). Note
that for the lowest V
Many circuits require stable, regulated voltages relatively close
in potential to an unregulated input source. This low dropout
type of regulator is readily implemented with a rail-to-rail
output op amp, such as the OP284, because the wide output
swing allows easy drive to a low saturation voltage pass device.
Furthermore, it is particularly useful when the op amp also
employs a rail-to-rail input feature because this factor allows it
to perform high-side current sensing for positive rail current
limiting. Typical examples are voltages developed from 3 V to
9 V range system sources or anywhere that low dropout
performance is required for power efficiency. This 4.5 V example
works from 5 V nominal sources with worst-case levels down to
4.6 V or less.
OUT
dc error, R2||R3 should be maintained
equal to R1 (as in this example), and the R2 to R3 resistors
should be stable, close tolerance metal film types. The table in
Figure 58 summarizes R1 to R3 values for some popular
voltages. However, note that, in general, the output can be
anywhere between V
and the 12 V maximum rating of Q1.
OUT2
While the low voltage saturation characteristic of Q1 is a key
part of the low dropout, another component is a low current
sense comparison threshold with good dc accuracy. Here, this
is provided by Current Sense Amplifier U1A, which is provided
by a 20 mV reference from the 1.235 V, AD589 Reference
Diode D2 and the R7 to R8 divider. When the product of the
output current and the R
Figure 58 shows such a regulator set up, using an
OP284 plus a low RDS(ON), P-channel MOSFET pass device. Part
of the low dropout performance of this circuit is provided by
Q1, which has a rating of 0.11 Ω with a gate drive voltage of
only 2.7 V. This relatively low gate drive threshold allows
operation of the regulator on supplies as low as 3 V without
compromising overall performance.
S
value match this voltage threshold,
the current control loop is activated, and U1A drives the Q1
gate through D1. This causes the overall circuit operation to
enter current mode control with a current limit, ILIMIT, defined
as
()
+
⎟⎟
⎜⎜
=
8
7
7
2
R
R
R
R
V
I
S
D
R
LIMIT
The circuit’s main voltage control loop operation is provided by
U1B, half of the OP284. This voltage control amplifier amplifies
the 2.5 V reference voltage produced by Three Terminal U2, a
REF192. The regulated output voltage V
is then
OUT
⎛ +
=
3
1
2
R
R2
V
V
OUT
OUT
3
2
1
8
4
U1A
OP284
U1B
OP284
D2
AD589
D1
1N4148
Q1
SI9433DY
6
5
7
D3
1N4148
2
6
4
3
U2
REF192
R3
10kΩ
VC
VIN COMMON
+VS
VS > VOUT + 0.1V
C4
0.1µF
C5
0.01µF
C2
1µF
C1
0.01µF
C6
10µF
VOUT COMMON
VOUT =
4.5V @ 350mA
(SEE TABLE)
C2
0.1µF
OPTIONAL
ON/OFF CONTROL INPUT
CMOS HI (OR OPEN) = ON
LO = OFF
VOUT
R1kΩ
R2kΩ
R3kΩ
OUTPUT TABLE
5.0V
4.99
10.0
10.0
4.5V
4.53
8.08
10.0
3.3V
2.43
3.24
10.0
3.0V
1.69
2.00
10.0
R5
22.1kΩ
R4
2.21kΩ
R6
4.99kΩ
R9
27.4kΩ
R11
1kΩ
R10
1kΩ
R1
4.53kΩ
VOUT2
2.5V
R7
4.99kΩ
R8
301kΩ
R2
8.06kΩ
RS
0.05Ω
Figure 58. Low Dropout Regulator with Current Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com