Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5950 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5950
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5950 Datasheet(HTML) 2 Page - STMicroelectronics

  L5950 Datasheet HTML 1Page - STMicroelectronics L5950 Datasheet HTML 2Page - STMicroelectronics L5950 Datasheet HTML 3Page - STMicroelectronics L5950 Datasheet HTML 4Page - STMicroelectronics L5950 Datasheet HTML 5Page - STMicroelectronics L5950 Datasheet HTML 6Page - STMicroelectronics L5950 Datasheet HTML 7Page - STMicroelectronics L5950 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
2
°C/W
1
2
3
4
5
6
7
9
10
11
8
REG2
REG1
VREF
GND
SCL
Enable
SDA
HSD3
HSD2
BAT
HSD1
13
14
15
12
REG4
BAT
REG5
REG3
D99AU1006
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Operating Supply Voltage
-0.6 to 26.5
V
VS
Transient Supply Overvoltages, rise time = 10ms
delay time = 115ms
34
V
Vin
Input Voltages (EN, SDA, SCL)
-0.6 to 9
V
Vout
Output Control Voltage
-0.6 to 6.0
V
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-40 to 150
°C
L5950
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com