Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5950 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5950
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5950 Datasheet(HTML) 6 Page - STMicroelectronics

  L5950 Datasheet HTML 1Page - STMicroelectronics L5950 Datasheet HTML 2Page - STMicroelectronics L5950 Datasheet HTML 3Page - STMicroelectronics L5950 Datasheet HTML 4Page - STMicroelectronics L5950 Datasheet HTML 5Page - STMicroelectronics L5950 Datasheet HTML 6Page - STMicroelectronics L5950 Datasheet HTML 7Page - STMicroelectronics L5950 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FBATT
VREF
C14
10
µF
C12
10
µF
C10
10
µF
C8
10
µF
C6
10
µF
1000
µF
0.1
µF
EN
REG5
REG4
REG3
REG2
REG1
REG5
HSD1
ENABLE
BAT
VREF
SCL
SDA
GND
REG4
REG3
HSD2
HSD3
HSD1
HSD2
HSD3
D99AU1010A
REG2
REG1
Figure 2. Typical Application Circuit.
WRITE MODE:
CHIP ADDRESS
DATA BYTE
S
0
A
A
..
..
P
MSB
LSB
MSB
LSB
S = START condition - SDA goes from high to low while SCL is high
A = Acknowledge - the device being written to, pulls down on data line (SDA) during the acknowledge
clock pulse.
P = STOP condition - SDA goes from low to high while SCL is high.
CHIP ADDRESS BYTE:
CHIP ADDRESS
READ/WRITE
A7
A6
A5
A4
A3
A2
A1
A0
00010000
DATA BYTE:
DATA BYTE
REG1
R4 10V
REG4
REG5
HSD1
HSD2
HSD3
b7
b6
b5
b4
b3
b2
b1
b0
X
Default mode is 0000 0000 which corresponds to all outputs being off, low power mode.
Bit 5 Controls the output voltage of REG4. A ’0’ corresponds to 8V and a ’1’ corresponds to 10V.
(*) ESR of output capacitors should be between 0.1
Ω and 5.0Ω.
L5950
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com