Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP279GS Datasheet(PDF) 1 Page - Analog Devices

Part # OP279GS
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GS Datasheet(HTML) 1 Page - Analog Devices

  OP279GS Datasheet HTML 1Page - Analog Devices OP279GS Datasheet HTML 2Page - Analog Devices OP279GS Datasheet HTML 3Page - Analog Devices OP279GS Datasheet HTML 4Page - Analog Devices OP279GS Datasheet HTML 5Page - Analog Devices OP279GS Datasheet HTML 6Page - Analog Devices OP279GS Datasheet HTML 7Page - Analog Devices OP279GS Datasheet HTML 8Page - Analog Devices OP279GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PIN CONFIGURATIONS
a
Rail-to-Rail High Output
Current Operational Amplifiers
OP179/OP279
GENERAL DESCRIPTION
The OP179 and OP279 are rail-to-rail, high output current,
single-supply amplifiers. They are designed for low voltage
applications that require either current or capacitive load drive
capability. The OP179/OP279 can sink and source currents of
±60 mA (typical) and are stable with capacitive loads to 10 nF.
Applications that benefit from the high output current of the
OP179/OP279 include driving headphones, displays, transform-
ers and power transistors. The powerful output is combined with a
unique input stage that maintains very low distortion with wide
common-mode range, even in single supply designs.
The OP179/OP279 can be used as a buffer to provide much
greater drive capability than can usually be provided by CMOS
outputs. CMOS ASICs and DAC often have outputs that can
swing to both the positive supply and ground, but cannot drive
more than a few milliamps.
Bandwidth is typically 5 MHz and the slew rate is 3 V/
µs, making
these amplifiers well suited for single supply applications that
require audio bandwidths when used in high gain configurations.
Operation is guaranteed from voltages as low as 4.5 V, up to 12 V.
Very good audio performance can be attained when using the
OP179/OP279 in 5 volt systems. THD is below 0.01% with a
600
Ω load, and noise is a respectable 21 nV/√Hz. Supply current
is less than 3.5 mA per amplifier.
The single OP179 is available in the 5-lead SOT-23-5 package.
It is specified over the industrial (–40
°C to +85°C) tempera-
ture range.
The OP279 is available in 8-lead TSSOP and SO-8 surface
mount packages. They are specified over the industrial (–40
°C
to +85
°C) temperature range.
8-Lead SOIC and TSSOP
SO-8 (S) and RU-8
1
2
3
4
8
7
6
5
OP279
IN A
V
+IN A
OUT B
IN B
V+
+IN B
OUT A
FEATURES
Rail-to-Rail Inputs and Outputs
High Output Current:
60 mA
Single Supply: 5 V to 12 V
Wide Bandwidth: 5 MHz
High Slew Rate: 3 V/ s
Low Distortion: 0.01%
Unity-Gain Stable
No Phase Reversal
Short-Circuit Protected
Drives Capacitive Loads: 10 nF
APPLICATIONS
Multimedia
Telecom
DAA Transformer Driver
LCD Driver
Low Voltage Servo Control
Modems
FET Drivers
5-Lead SOT-23-5
(RT-5)
1
2
3
5
4
IN A
+IN A
V–
OUT A
OP179
V+
8-Lead SOIC
(S Suffix)
1
2
3
4
8
7
6
5
OP179
IN A
V
+IN A
V+
OUT A
NC
NC
NC
NC = NO CONNECT
REV. G
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - OP279GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP279GS AD-OP279GS Datasheet
228Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV.F
OP279GS AD-OP279GS Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS AD-OP279GS Datasheet
239Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
More results

Similar Description - OP279GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV.F
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
logo
Analog Devices
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP179 AD-OP179_15 Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
Rev. G
OP279 AD-OP279_15 Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com