Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP279GS Datasheet(PDF) 16 Page - Analog Devices

Part # OP279GS
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GS Datasheet(HTML) 16 Page - Analog Devices

Back Button OP279GS Datasheet HTML 8Page - Analog Devices OP279GS Datasheet HTML 9Page - Analog Devices OP279GS Datasheet HTML 10Page - Analog Devices OP279GS Datasheet HTML 11Page - Analog Devices OP279GS Datasheet HTML 12Page - Analog Devices OP279GS Datasheet HTML 13Page - Analog Devices OP279GS Datasheet HTML 14Page - Analog Devices OP279GS Datasheet HTML 15Page - Analog Devices OP279GS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
OP179/OP279
–16–
REV. G
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead TSSOP
(RU-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
PIN 1
0.0256 (0.65)
BSC
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
8-Lead Narrow-Body SO
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
85
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8°
0°
0.0196 (0.50)
0.0099 (0.25)
x 45°
5-Lead SOT-23
(RT-5)
0.0079 (0.200)
0.0035 (0.090)
0.0236 (0.600)
0.0039 (0.100)
10
0
0.0197 (0.500)
0.0118 (0.300)
0.0590 (0.150)
0.0000 (0.000)
0.0512 (1.300)
0.0354 (0.900)
SEATING
PLANE
0.0571 (1.450)
0.0354 (0.900)
0.1220 (3.100)
0.1063 (2.700)
PIN 1
0.0709 (1.800)
0.0590 (1.500)
0.1181 (3.000)
0.0984 (2.500)
1
3
4
5
0.0748 (1.900)
REF
0.0374 (0.950) REF
2
NOTE:
PACKAGE OUTLINE INCLUSIVE AS SOLDER PLATING.
Revision History
Location
Page
Data Sheet changed from REV. F to REV. G.
Edits to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Edits to PIN CONNECTIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Edits to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Edits to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Edits to PACKAGE TYPES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Edits to OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com