Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77 Datasheet(PDF) 8 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. C
OP77
–8–
–Typical Performance Characteristics
OUTPUT VOLTAGE – V
–2
10
–1
0
1
2
5
0
–5
–10
VS = 15V
TA = 25 C
RL = 10k
TPC 1. Gain Linearity (Input
Voltage vs. Output Voltage)
TEMPERATURE – C
–30
–55
J, Z PACKAGES
+0.3 V/ C
–20
–10
0
10
20
30
–35 –15
5
25456585
105 125
MEAN
–0.3 V/ C
S.D.
TPC 4. Untrimmed Offset
Voltage vs. Temperature
FREQUENCY – Hz
–20
10
VS = 15V
TA = 25 C
0
20
40
60
80
100
100
1k
10k
10k
10M
1M
TPC 7. Closed-Loop Response for
Various Gain Configurations
TEMPERATURE – C
0
–55
VS = 15V
–35 –15
525
45
65
85105 125
5
10
15
20
25
TPC 2. Open-Loop Gain vs.
Temperature
TIME AFTER POWER SUPPLY TURN-ON – MINUTES
–4
0
–3
–2
–1
0
1
2
3
4
0.5
1
1.5
2
2.5
3
3.5
VS = 15V
TA = 25 C
TPC 5. Warm-Up Drift
FREQUENCY – Hz
0
0.01
VS = 15V
TA = 25 C
0.1
1
10
100
1k
10k 100k 1M
20
40
60
80
100
120
140
160
180
135
90
45
0
TPC 8. Open-Loop Gain/Phase
Response
POWER SUPPLY VOLTAGE – V
0
0
5
10
15
20
4
8
12
16
TA = 25 C
RL = 2k
TPC 3. Open-Loop Gain vs.
Power Supply Voltage
MIN
TIME – SEC
0
0
VS = 15V
5
10
15
20
25
30
10
20
30
40
50
60
70
DEVICE IMMERSED IN
70 C OIL BATH (20 UNITS)
MAX
AVE
TPC 6. Offset Voltage Change
Due to Thermal Shock
FREQUENCY – Hz
80
1
90
100
110
120
130
140
150
10
100
1k
10k
100k
TA = 25 C
TPC 9. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com