Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77 Datasheet(PDF) 13 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices OP77 Datasheet HTML 15Page - Analog Devices OP77 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. C
OP77
–13–
REF-01
VO
OP77
15V
10 F
+
2
6
4
0.1 F
VOUT
REF-01
VO
REF-01
VO
100
100
100
4
4
2
2
6
6
Figure 15. Low Noise Precision Reference
OP77
VIN
1k
AD820
15V
2
6
4
0.1 F
1N4148
2N930
CH
RESET
VOUT
–15V
–15V
15V
2
4
6
1k
1k
0.1 F
0.1 F
0.1 F
3
3
7
7
Figure 16. Precision Positive Peak Detector
This circuit relies upon OP77’s low TCVOS and noise combined
with very high CMRR to provide precision buffering of the
averaged REF01 voltage outputs.
CH must be of polystyrene, Teflon*, or polyethylene to minimize
dielectric absorption and leakage. The droop rate is determined
by the size of CH and the bias current of the AD820.
*Teflon is a registered trademark of the Dupont Company



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com