Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07DR Datasheet(PDF) 12 Page - Analog Devices

Part # OP07DR
Description  150 關V Maximum Offset Voltage Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07DR Datasheet(HTML) 12 Page - Analog Devices

Back Button OP07DR Datasheet HTML 8Page - Analog Devices OP07DR Datasheet HTML 9Page - Analog Devices OP07DR Datasheet HTML 10Page - Analog Devices OP07DR Datasheet HTML 11Page - Analog Devices OP07DR Datasheet HTML 12Page - Analog Devices OP07DR Datasheet HTML 13Page - Analog Devices OP07DR Datasheet HTML 14Page - Analog Devices OP07DR Datasheet HTML 15Page - Analog Devices OP07DR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP07D
Rev. 0 | Page 12 of 16
0V
–2V
–4V
–6V
–8V
0V
–600mV
600mV
1200mV
VS = ±5V
VIN = 600mV
G = –10
RECOVERY = 2.4µs
VIN
VOUT
TIME (4µs/DIV)
1
VS = ±15V
VN p-p = 0.24µV
TIME (1s/DIV)
Figure 38. Positive Overload Recovery
Figure 41. Voltage Noise (0.1 Hz to 10 Hz)
0V
2V
–2V
–4V
4V
0V
–600mV
600mV
1200mV
VS = ±5V
VIN = 600mV
G = –10
RECOVERY = 5.6µs
VOUT
VIN
TIME (4µs/DIV)
1
2
3
8
4
7
5
–
+
OP07D
V+
OUTPUT
VOS TRIM RANGE IS
TYPICALLY ±3.5mV
20kΩ
INPUT
–
+
V–
Figure 42. Optional Offset Nulling Circuit
Figure 39. Negative Overload Recovery
2
VS = ±5V
VIN = ±5.7V
VIN
VOUT
TIME (400µs/DIV)
Figure 40. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com