Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07DR Datasheet(PDF) 3 Page - Analog Devices

Part # OP07DR
Description  150 關V Maximum Offset Voltage Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07DR Datasheet(HTML) 3 Page - Analog Devices

  OP07DR Datasheet HTML 1Page - Analog Devices OP07DR Datasheet HTML 2Page - Analog Devices OP07DR Datasheet HTML 3Page - Analog Devices OP07DR Datasheet HTML 4Page - Analog Devices OP07DR Datasheet HTML 5Page - Analog Devices OP07DR Datasheet HTML 6Page - Analog Devices OP07DR Datasheet HTML 7Page - Analog Devices OP07DR Datasheet HTML 8Page - Analog Devices OP07DR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP07D
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = ±5.0 V, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
40
150
μV
0°C ≤ TA ≤ 70°C
250
μV
−40°C ≤ TA ≤ +125°C
350
μV
Input Bias Current
I
B
0.2
1
nA
−40°C ≤ TA ≤ +125°C
1
nA
Input Offset Current
IOS
0.1
1
nA
−40°C ≤ TA ≤ +125°C
1
nA
Input Voltage Range
−3.5
+3.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±3 V
120
127
dB
−40°C ≤ TA ≤ +125°C
120
dB
Open-Loop Gain
AVO
RL = 2 kΩ to ground, VO = ±3 V
1000
10,000
V/mV
−40°C ≤ TA ≤ +125°C
1000
V/mV
Offset Voltage Drift
ΔV
OS
/
ΔT
0°C ≤ TA ≤ 70°C
0.5
1.8
μV/°C
−40°C ≤ TA ≤ +125°C
0.5
1.4
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VOUT
RL = 10 kΩ to ground
±3.95
±4.1
V
−40°C ≤ TA ≤ +125°C
±3.95
V
RL = 2 kΩ to ground
±3.9
±4
V
−40°C ≤ TA ≤ +125°C
±3.9
V
Short-Circuit Current
ISC
27
mA
Output Current
IO
VO = 3.5 V
15
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.0 V to ±18.0 V
115
130
dB
0°C ≤ TA ≤ 70°C
115
dB
−40°C ≤ TA ≤ +125°C
110
dB
Supply Current/Amplifier
ISY
VO = 0 V
1.1
1.25
mA
0°C ≤ TA ≤ 70°C
1.45
mA
−40°C ≤ TA ≤ +125°C
1.75
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.2
V/μs
Gain Bandwidth Product
GBP
0.6
MHz
Phase Margin
80
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.28
μV p-p
Voltage Noise Density
en
f = 1 kHz
10
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.074
pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com