Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A135 Datasheet(PDF) 1 Page - Pro-Signal

Part # A135
Description  Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

A135 Datasheet(HTML) 1 Page - Pro-Signal

  A135 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
06/12/12
Plug
Features:
• A range of line and hand set insulation piercing plugs designed to
accept cordage to BT specification CW1311
• They are available in 4 and 6 way and are moulded with 'A'
polarisation, and sensors etc.
• Designed to allow new style telephones the total flexibility of being
moved from socket to socket like any other piece of equipment
• Equally suitable for other applications using flexible cords,
i.e keyboards, hand held controllers and sensors etc.
Specifications:
Maximum working voltage
: 200V DC
Current rating
: 250mA DC per contact
Insulation resistance
: 100MΩ at 500V DC
Maximum contact resistance
: <120mΩ
Contact life
: 1,000 mating cycles
Contact material
: Gold plated phosphor bronze
Body material
: Natural polyester
Part Number Table
Description
Part Number
Plug, 431A, 4Way
A135
Plug, 631A, 6Way
A136
Plug, 630A, 6Way
A172
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - A135

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1351 ALLEGRO-A1351 Datasheet
669Kb / 24P
High Precision Linear Hall Effect Sensor IC with a Push/Pull, Pulse Width Modulated Output
A1351KKTTN-T ALLEGRO-A1351KKTTN-T Datasheet
669Kb / 24P
High Precision Linear Hall Effect Sensor IC with a Push/Pull, Pulse Width Modulated Output
A1354 ALLEGRO-A1354 Datasheet
537Kb / 22P
High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
A1354KKTTN-T ALLEGRO-A1354KKTTN-T Datasheet
537Kb / 22P
High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output
More results

Similar Description - A135

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
Pasternack Enterprises,...
PE9305 PASTERNACK-PE9305 Datasheet
104Kb / 1P
SMC T PLUG-PLUG-PLUG
PE9310 PASTERNACK-PE9310 Datasheet
258Kb / 3P
SMB Tee Adapter Plug-Plug-Plug
logo
Winchester Electronics ...
KM-59-14 WINCHESTER-KM-59-14 Datasheet
31Kb / 1P
PLUG
logo
Rosenberger Hochfrequen...
16S101-S00L5 ROSENBERGER-16S101-S00L5 Datasheet
58Kb / 2P
FMC ADAPTOR PLUG-PLUG
16S102-S00L5 ROSENBERGER-16S102-S00L5 Datasheet
65Kb / 2P
FMC ADAPTOR PLUG-PLUG
28S101-S00N5 ROSENBERGER-28S101-S00N5 Datasheet
83Kb / 2P
ADAPTOR QMA PLUG -PLUG
32S103-S00L5 ROSENBERGER-32S103-S00L5 Datasheet
222Kb / 2P
ADAPTOR SMA PLUG ??PLUG
logo
Festo Corporation.
533780 FESTO-533780 Datasheet
60Kb / 1P
Plug
4/20/22
533783 FESTO-533783 Datasheet
70Kb / 1P
Plug
4/20/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com