Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2R-08P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P2R-08P
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2R-08P Datasheet(HTML) 2 Page - Omron Electronics LLC

  P2R-08P Datasheet HTML 1Page - Omron Electronics LLC P2R-08P Datasheet HTML 2Page - Omron Electronics LLC P2R-08P Datasheet HTML 3Page - Omron Electronics LLC P2R-08P Datasheet HTML 4Page - Omron Electronics LLC P2R-08P Datasheet HTML 5Page - Omron Electronics LLC P2R-08P Datasheet HTML 6Page - Omron Electronics LLC P2R-08P Datasheet HTML 7Page - Omron Electronics LLC P2R-08P Datasheet HTML 8Page - Omron Electronics LLC P2R-08P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Common Sockets
2
Note: The structure of
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
*1. Use a #1 Phillips screwdriver to tighten the screws on this Socket.
*2. The structure does not resist flux. Manual soldering is recommended for this product.
Model
PYF (front-mounting), pages 13 to 14
PY (back-mounting), pages 16 to 14
Number
of pins
Solder terminals
Wrapping terminals
PCB terminals
8 pins
11 pins
1
?
14 pins
PYF08A
Approx. 32 g
PYF08A-E *1
PYF08M
Approx. 26 g
PYFZ-08
Approx. 32 g
PYFZ-08-E *1
Approx. 32 g
PY08
Approx. 8 g
PY08-Y1
PY08-Y3
PY08QN
Approx. 12 g
PY08QN2
PY08QN-Y1
PY08QN2-Y1
PY08-02 *2
Approx. 7.2 g
PYF11A
Approx. 43 g
PY11
Approx. 9 g
PY11-Y1
PY11QN
PY11QN2
PY11QN-Y1
PY11QN2-Y1
PY11-02 *2
PYF14A-E *1
PYF14A
Approx. 49 g
PYFZ-14-E *1
Approx. 50 g
PYFZ-14
Approx. 50 g
PY14
Approx. 10 g
PY14-Y1
PY14-Y3
PY14QN
Approx. 14 g
PY14QN2
PY14QN-Y1
PY14QN2-Y1
PY14QN-Y3
PY14QN2-Y3
PY14-02 *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com