Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2R-08P Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P2R-08P
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2R-08P Datasheet(HTML) 3 Page - Omron Electronics LLC

  P2R-08P Datasheet HTML 1Page - Omron Electronics LLC P2R-08P Datasheet HTML 2Page - Omron Electronics LLC P2R-08P Datasheet HTML 3Page - Omron Electronics LLC P2R-08P Datasheet HTML 4Page - Omron Electronics LLC P2R-08P Datasheet HTML 5Page - Omron Electronics LLC P2R-08P Datasheet HTML 6Page - Omron Electronics LLC P2R-08P Datasheet HTML 7Page - Omron Electronics LLC P2R-08P Datasheet HTML 8Page - Omron Electronics LLC P2R-08P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
Common Sockets
Note: The structure of
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
* Use a #1 Phillips screwdriver to tighten the screws on this Socket.
* The structure does not resist flux. Manual soldering is recommended for this product.
Model
PTF (front-mounting), pages 18 to 15
PT (back-mounting), pages 19 to 16
Number
of pins
Solder terminals
Wrapping terminals
PCB terminals
8 pins
11 pins
14 pins
PTF08A Approx. 47 g
PTF08A-E *1
PT08 Approx. 11 g
PT08QN
Approx. 10.4 g
PT08-0 *2
Approx. 8 g
PTF11A Approx. 61 g
PT11 Approx. 13 g
PT11QN
PT11-0 *2
Approx. 12.2 g
PTF14A Approx. 77 g
PTF14A-E *1
PT14 Approx. 17 g
PT14QN
Approx.
20 g
PT14-0 *2
Approx. 16.2 g
Model
P7LF (front-mounting), page 20
Number
of pins
6 pins
P7LF-06 Approx. 60 g
Note: Refer to Models with Standards Certification for detailed information on the models of Common Sockets that are certified for standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com