Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PT.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR3045PT..
Description  30 A Schottky Barrier Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045PT.. Datasheet(HTML) 2 Page - ON Semiconductor

  MBR3045PT.. Datasheet HTML 1Page - ON Semiconductor MBR3045PT.. Datasheet HTML 2Page - ON Semiconductor MBR3045PT.. Datasheet HTML 3Page - ON Semiconductor MBR3045PT.. Datasheet HTML 4Page - ON Semiconductor MBR3045PT.. Datasheet HTML 5Page - ON Semiconductor MBR3045PT.. Datasheet HTML 6Page - ON Semiconductor MBR3045PT.. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MBR3035PT - MBR3060PT Rev. 1.8
May 2015
MBR3035PT - MBR3060PT
30 A Schottky Barrier Rectifiers
Features
• Low Power Loss, High Efficiency
• High Surge Capacity
• Metal Silicon Junction, Majority Carrier Conduction
• High Current Capacity, Low Forward Voltage Drop
• Guard Ring for Over-Voltage Protection (OVP)
Applications
• Low-Voltage
• High-Frequency Inverters
• Free Wheeling
• Polarity Protection
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Marking
Package
Packing Method
MBR3035PT
MBR3035PT
TO-247 3L
Rail
MBR3045PT
MBR3045PT
MBR3050PT
MBR3050PT
MBR3060PT
MBR3060PT
Symbol
Parameter
Value
Unit
MBR
3035PT
MBR
3045PT
MBR
3050PT
MBR
3060PT
VRRM
Maximum Repetitive Reverse Voltage
35
45
50
60
V
IF(AV)
Average Rectified Forward Current
.375-inch Lead Length
30
A
IFSM
Non-Repetitive Peak Forward Surge
Current: 8.3 ms Single Half-Sine Wave
200
A
TSTG
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature Range
-65 to +150
°C
Description
This center-tap Schottky rectifier is optimal for secondary
rectification and free-wheeling applications for high-effi-
ciency DC-DC convertor design, which features very low
forward voltage drop and low leakage current.
TO-3P/TO-247AD
1 23
+
PIN1
PIN3
CASE
PIN2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com