Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PT.. Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR3045PT..
Description  30 A Schottky Barrier Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045PT.. Datasheet(HTML) 3 Page - ON Semiconductor

  MBR3045PT.. Datasheet HTML 1Page - ON Semiconductor MBR3045PT.. Datasheet HTML 2Page - ON Semiconductor MBR3045PT.. Datasheet HTML 3Page - ON Semiconductor MBR3045PT.. Datasheet HTML 4Page - ON Semiconductor MBR3045PT.. Datasheet HTML 5Page - ON Semiconductor MBR3045PT.. Datasheet HTML 6Page - ON Semiconductor MBR3045PT.. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MBR3035PT - MBR3060PT Rev. 1.8
2
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
PD
Power Dissipation
3.0
W
RθJC
Thermal Resistance, Junction to Case
1.4
°C/W
Symbol
Parameter
Value
Unit
MBR
3035PT
MBR
3045PT
MBR
3050PT
MBR
3060PT
VF
Maximum Forward Voltage,
per Leg
IF = 20 A, TC = 25°C0.75
V
IF = 20 A, TC = 125°C
0.60
0.65
IF = 30 A, TC = 25°C0.76
IF = 30 A, TC = 125°C0.72
IR
Maximum Reverse Current
at Rated VRRM, per Leg
TA = 25°C0.1
5.0
mA
TA = 125°C
60.0
100.0
IRRM
Peak Repetitive Reverse Surge Current, per Leg
2.0
μs Pulse Width, f = 1.0 kHz
1.0
0.5
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com