Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6232E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6232E
Description  SPINDLE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6232E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6232E Datasheet HTML 2Page - STMicroelectronics L6232E Datasheet HTML 3Page - STMicroelectronics L6232E Datasheet HTML 4Page - STMicroelectronics L6232E Datasheet HTML 5Page - STMicroelectronics L6232E Datasheet HTML 6Page - STMicroelectronics L6232E Datasheet HTML 7Page - STMicroelectronics L6232E Datasheet HTML 8Page - STMicroelectronics L6232E Datasheet HTML 9Page - STMicroelectronics L6232E Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
td(BRK) = 1.4 R1 C6
The sensing resistor value is generally lower
than 1ohm, but a wire wounded type must be
avoided. In Fig.3 the 0.33 ohm sensing resistor
is shown as three parallel 1ohm metal film resis-
tors. Care must be taken in the PC Board design
particularly abou t ground loops and ground cop-
per area. The typical Thermal Resistance junction
to ambient versus PC Board copper area (Fig.7)
is shown in Fig 8. For Transient Thermal Resis-
tance see Fig. 9.
Figure 3: Typical Application Circuit
Figure 4: Typical Normalized RDS (on) vs.
Junction Temperature
Figure 5: Output Voltage Slew Rate Control vs.
1/R2 Value
L6232E
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com