Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6235 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6235
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235 Datasheet(HTML) 3 Page - STMicroelectronics

  L6235 Datasheet HTML 1Page - STMicroelectronics L6235 Datasheet HTML 2Page - STMicroelectronics L6235 Datasheet HTML 3Page - STMicroelectronics L6235 Datasheet HTML 4Page - STMicroelectronics L6235 Datasheet HTML 5Page - STMicroelectronics L6235 Datasheet HTML 6Page - STMicroelectronics L6235 Datasheet HTML 7Page - STMicroelectronics L6235 Datasheet HTML 8Page - STMicroelectronics L6235 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/25
L6235
THERMAL DATA
PIN CONNECTIONS (Top view)
(5) The slug is internally connected to pins 1, 18, 19 and 36 (GND pins).
Symbol
Description
PDIP24
SO24
PowerSO36
Unit
Rth(j-pins)
Maximum Thermal Resistance Junction-Pins
18
14
°C/W
Rth(j-case)
Maximum Thermal Resistance Junction-Case
1
°C/W
Rth(j-amb)1
MaximumThermal Resistance Junction-Ambient (1)
(1) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the bottom side of 6 cm2 (with a thickness of 35 µm).
43
51
-
°C/W
Rth(j-amb)1
Maximum Thermal Resistance Junction-Ambient (2)
(2) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm).
--
35
°C/W
Rth(j-amb)1
MaximumThermal Resistance Junction-Ambient (3)
(3) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm),
16 via holes and a ground layer.
--
15
°C/W
Rth(j-amb)2
Maximum Thermal Resistance Junction-Ambient (4)
(4) Mounted on a multi-layer FR4 PCB without any heat-sinking surface on the board.
58
77
62
°C/W
GND
GND
TACHO
RCPULSE
SENSEB
EN
FWD/REV
1
3
2
4
5
6
7
8
9
VREF
VBOOT
BRAKE
OUT3
VSB
GND
GND
19
18
17
16
15
13
14
D01IN1194A
10
11
12
24
23
22
21
20
H1
DIAG
SENSEA
RCOFF
OUT1
VSA
OUT2
VCP
H2
H3
GND
N.C.
N.C.
VSA
RCOFF
OUT1
N.C.
N.C.
N.C.
N.C.
N.C.
TACHO
RCPULSE
N.C.
VSB
N.C.
N.C.
GND
1
3
2
4
13
14
15
16
17
34
33
24
23
22
20
21
19
35
18
36
GND
GND
D01IN1195A
H1
SENSEA
DIAG
SENSEB
EN
FWD/REV
10
11
12
27
26
25
H3
VREF
9
28
OUT2
H2
VCP
BRAKE
OUT3
VBOOT
5
7
8
32
30
29
N.C.
N.C.
6
31
PowerSO36 (5)
PowerDIP24/SO24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com