Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6235 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6235
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235 Datasheet(HTML) 1 Page - STMicroelectronics

  L6235 Datasheet HTML 1Page - STMicroelectronics L6235 Datasheet HTML 2Page - STMicroelectronics L6235 Datasheet HTML 3Page - STMicroelectronics L6235 Datasheet HTML 4Page - STMicroelectronics L6235 Datasheet HTML 5Page - STMicroelectronics L6235 Datasheet HTML 6Page - STMicroelectronics L6235 Datasheet HTML 7Page - STMicroelectronics L6235 Datasheet HTML 8Page - STMicroelectronics L6235 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
L6235
September 2003
s
OPERATING SUPPLY VOLTAGE FROM 8 TO 52V
s
5.6A OUTPUT PEAK CURRENT (2.8A DC)
s
RDS(ON) 0.3Ω TYP. VALUE @ Tj = 25 °C
s
OPERATING FREQUENCY UP TO 100KHz
s
NON DISSIPATIVE OVERCURRENT
DETECTION AND PROTECTION
s
DIAGNOSTIC OUTPUT
s
CONSTANT tOFF PWM CURRENT CONTROLLER
s
SLOW DECAY SYNCHR. RECTIFICATION
s
60° & 120° HALL EFFECT DECODING LOGIC
s
BRAKE FUNCTION
s
TACHO OUTPUT FOR SPEED LOOP
s
CROSS CONDUCTION PROTECTION
s
THERMAL SHUTDOWN
s
UNDERVOLTAGE LOCKOUT
s
INTEGRATED FAST FREEWEELING DIODES
DESCRIPTION
The L6235 is a DMOS Fully Integrated Three-Phase
Motor Driver with Overcurrent Protection.
Realized in MultiPower-BCD technology, the device
combines isolated DMOS Power Transistors with
CMOS and bipolar circuits on the same chip.
The device includes all the circuitry needed to drive a
three-phase BLDC motor including: a three-phase
DMOS Bridge, a constant off time PWM Current Con-
troller and the decoding logic for single ended hall
sensors that generates the required sequence for the
power stage.
Available in PowerDIP24 (20+2+2), PowerSO36 and
SO24 (20+2+2) packages, the L6235 features a non-
dissipative overcurrent protection on the high side
Power MOSFETs and thermal shutdown.
BLOCK DIAGRAM
CHARGE
PUMP
VOLTAGE
REGULATOR
HALL-EFFECT
SENSORS
DECODING
LOGIC
THERMAL
PROTECTION
TACHO
MONOSTABLE
OCD1
OCD
OCD
OCD2
10V
5V
VCP
VSA
GATE
LOGIC
VBOOT
VBOOT
OUT1
OUT2
SENSEA
VSB
OUT3
SENSEB
DIAG
EN
FWD/REV
BRAKE
H3
H1
RCPULSE
D99IN1095B
TACHO
RCOFF
H2
OCD3
ONE SHOT
MONOSTABLE
MASKING
TIME
VBOOT
OCD1
10V
VBOOT
OCD2
10V
VBOOT
OCD3
10V
SENSE
COMPARATOR
+
-
PWM
VREF
ORDERING NUMBERS:
L6235N
L6235PD
L6235D
PowerDIP24
(20+2+2)
PowerSO36
SO24
(20+2+2)
DMOS DRIVER FOR
THREE-PHASE BRUSHLESS DC MOTOR


Similar Part No. - L6235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6235 STMICROELECTRONICS-L6235 Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
L6235D STMICROELECTRONICS-L6235D Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
L6235N STMICROELECTRONICS-L6235N Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
L6235PD STMICROELECTRONICS-L6235PD Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
More results

Similar Description - L6235

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
Three-Phase Brushless DC Motor Driver IC
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
Three-Phase Brushless DC Motor Driver IC
logo
STMicroelectronics
L6229 STMICROELECTRONICS-L6229 Datasheet
582Kb / 25P
DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
Rev. 3
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
STMicroelectronics
L6229Q STMICROELECTRONICS-L6229Q Datasheet
527Kb / 28P
DMOS driver for three-phase brushless DC motor
30-Aug-2010
L6230 STMICROELECTRONICS-L6230 Datasheet
583Kb / 24P
DMOS driver for three-phase brushless DC motor
07-Jun-2011
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
AN1625 STMICROELECTRONICS-AN1625 Datasheet
1Mb / 39P
L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
Oct-2003
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
The L6230 DMOS driver for three-phase brushless DC motor
29-Jan-2013
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com