Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM80 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM80 Datasheet HTML 1Page - National Semiconductor (TI) LM80 Datasheet HTML 2Page - National Semiconductor (TI) LM80 Datasheet HTML 3Page - National Semiconductor (TI) LM80 Datasheet HTML 4Page - National Semiconductor (TI) LM80 Datasheet HTML 5Page - National Semiconductor (TI) LM80 Datasheet HTML 6Page - National Semiconductor (TI) LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Ordering Information
Temperature Range
NS
Package
Number
−25˚C
≤ T
A ≤ +125˚C
Specified
Power
Supply
Voltage
Order Number
Device
Marking
LM80CIMT-3
1
LM80CIMTX-3
2
LM80CIMT-3
MTC24B
3.3V
LM80CIMT-5
1
LM80CIMTX-5
2
LM80CIMT-5
MTC24B
5.0V
Note: 1-Rail transport media, 62 parts per rail
2-Tape and reel transport media, 3400 parts per reel
Connection Diagram
Block Diagram
Pin Descriptions
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
INT_IN
1
1
Digital Input
This is an active low input that propagates the INT_IN signal to the
INT output of the LM80 via Interrupt Mask Register 1 Bit 7 and INT
enable Bit 1 of the Configuration Register.
SDA
2
1
Digital I/O
Serial Bus bidirectional Data. Open-drain output.
SCL
3
1
Digital Input
Serial Bus Clock.
DS100040-2
DS100040-3
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com