Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6268 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6268
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6268 Datasheet HTML 3Page - STMicroelectronics L6268 Datasheet HTML 4Page - STMicroelectronics L6268 Datasheet HTML 5Page - STMicroelectronics L6268 Datasheet HTML 6Page - STMicroelectronics L6268 Datasheet HTML 7Page - STMicroelectronics L6268 Datasheet HTML 8Page - STMicroelectronics L6268 Datasheet HTML 9Page - STMicroelectronics L6268 Datasheet HTML 10Page - STMicroelectronics L6268 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IO
On State Current
FLL_RES = 62k
Ω
ICP = ”1”
ICP = ”0”
22
80
25
100
32
120
µA
µA
VRCP
Current Set Voltage
FLL_RES = 62k
Ω
1.18
1.225
1.25
V
CURRENT SENSE AMPLIFIER
IBIAS
Input Bias Current
2
µA
Av
Voltage Gain
3.8
4.0
4.2
V/V
dVo/dt
Output Slew Rate
20
V/
µs
SERIAL PORT
Symbol
Parameter
Min.
Typ.
Max.
Unit
TSCK
SCLK Period
40
ns
TCKL
SCLK low time
15
ns
TCKH
SCLK high time
15
ns
TSDENS
Enable to SCLK
35
ns
TSDENH
SCLK to disable
20
ns
TDS
Data set-up time before rising edge SCLK
10
ns
TDH
Data Hold Time
10
ns
TSDENL
Minimum SDEN Low Time
50
ns
TSDV
SCLK falling edge (A6) to SDATA valid on READ op.
3
10
ns
TSDV
SCLK rising edge (D0-D7) to SDATA Transition on READ op.
5
35
ns
ELECTRICAL CHARACTERISTICS (Continued)
0A0
A1
1st Byte
2nd Byte
A6
D0
D1
D2
D7
SDEN
SCLK
SDATA
SERIAL PORT WRITE TIMING
SERIAL PORT READ TIMING
1A0
A1
1st Byte
2nd Byte
D98IN844
A6
D0
D1
D2
D7
SDEN
SCLK
SDATA
Figure 1. Serial Port Timing Information.
L6268
7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com