Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6268 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6268
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6268 Datasheet HTML 6Page - STMicroelectronics L6268 Datasheet HTML 7Page - STMicroelectronics L6268 Datasheet HTML 8Page - STMicroelectronics L6268 Datasheet HTML 9Page - STMicroelectronics L6268 Datasheet HTML 10Page - STMicroelectronics L6268 Datasheet HTML 11Page - STMicroelectronics L6268 Datasheet HTML 12Page - STMicroelectronics L6268 Datasheet HTML 13Page - STMicroelectronics L6268 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
INTERNAL REGISTER DEFINITION
Reg:
Name:
Type:
Address:
3
Spindle Delay Register
Write only
3Eh
BIT
LABEL
DESCRIPTION
0
MASK_TIME
Spindle BEMF Mask Time. 0 = 15 degree, 1 = 7.5 degree
1
MIN2
Control Spindle PWM on time
Min 1
Min2
Min. on Time
0
0
5.9
µs
2
MIN1
0
1
1.4
µs
10
12
µs
3
8_12_POLE
Selects 8 or 12 pole motors. 1 = 8 pole, 0 = 12 pole.
4
SD3
Spindle commutation delay MSB
5
SD2
Spindle commutation delay bit
6
SD1
Spindle commutation delay bit
7
SD0
Spindle commutation delay LSB
SPINDLE PHASE DELAY
SD3-0 set the phase delay from BEMF zero crossing to the next commutation. The 30 theoretical degree
value can be changed to compensate for switching and other delays that are always present. The delay
adjustment range is from 1.875 through to 30 electrical degrees in 1.875 degree increments.
Reg:
Name:
Type:
Address:
4
FLL Coarse Counter Register
Write only
4Eh
BIT
LABEL
DESCRIPTION
0
C4
Bit 4 of Spindle FLL Coarse Counter
1
C5
Bit 5 of Spindle FLL Coarse Counter
2
C6
Bit 6 of Spindle FLL Coarse Counter
3
C7
Bit 7 of Spindle FLL Coarse Counter
4
C8
Bit 8 of Spindle FLL Coarse Counter
5
C9
Bit 9 of Spindle FLL Coarse Counter
6
C10
Bit 10 of Spindle FLL Coarse Counter
7
C11
MSB of Spindle FLL Coarse Counter
L6268
10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com