Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWP2324H-BP-R005T Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FWP2324H-BP-R005T
Description  Riedon™ Precision Foil Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWP2324H-BP-R005T Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FWP2324H-BP-R005T Datasheet HTML 1Page - Bourns Electronic Solutions FWP2324H-BP-R005T Datasheet HTML 2Page - Bourns Electronic Solutions FWP2324H-BP-R005T Datasheet HTML 3Page - Bourns Electronic Solutions FWP2324H-BP-R005T Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FWP2324 Series – Riedon™ Precision Foil Power Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistance values as low as 1 mΩ
n
Power rating to 40 W
n
Resistance stability to ±0.1 %
n
Low thermal EMF: <1 µV/°C
n
Metal foil technology
Applications
n
Current sensing
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Characteristics
Bourns
Model
Power Rating
@ 70 °C
Resistance
Range
Tolerance
(%)
TCR
20 °C to 60 °C
(PPM/°C)
Max.
Current
(A)
Dielectric
Withstanding
Voltage
(VDC)
Max. Torque
(Nm)
FWP2324
Free Air
Heat Sink
2.5 W
15 W
1 mΩ to 9 mΩ
±0.5
±1
±2
±5
±25
±15
150
500
0.8
10 mΩ to 50 Ω
±0.1
±0.25
±0.5
±1
±2
±5
FWP2324H
Free Air
Heat Sink
3 W
40 W
1 mΩ to 5 mΩ
±10
±5
±2
300
6 mΩ to 20 Ω
500
Environmental Characteristics
Specification
Value
Operating Temperature
-40 °C to +130 °C
Thermal EMF
< 1 μV/°C
Thermal Resistance
2.0 K/W
Storage Conditions
Temperature
Humidity
+5 °C to +35 °C
40 % to 75 %
Moisture Sensitivity Level
1
Current Rating Thermal Derating Curve
120
100
80
60
40
20
0
0.5 % STABILITY
0.2 % STABILITY
0.1 % STABILITY
25
50
85
115
100
130
TEMPERATURE OF THE BACKPLATE (°C)
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications. The products described herein
and this document are subject to specific legal dis-
claimers as set forth on the last page of this document,
and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in
the United States and other countries. In April 2023,
BE Services Company, Inc., a subsidiary of Bourns,
Inc., purchased certain assets of Riedon, Inc., including
its logo and trademarks and the right to continue to
manufacture former Riedon™ products. “Riedon Logo”
is a registered trademark of BE Services Company, Inc.,
in the United States. “Riedon” is a trademark of BE
Services Company, Inc.
The PWR2324 Series resistors must be attached to a suitable heat sink. The maximum internal resistor
temperature is 130 °C
FWP2324
3L30
F
CALIFORNIA WARNING:
Can expose you to lead, a carcinogen
and reproductive toxicant.
See www.P65Warnings.ca.gov


Similar Part No. - FWP2324H-BP-R005T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FWP218 BOURNS-FWP218 Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0C BOURNS-FWP218-15A-20R0C Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0D BOURNS-FWP218-15A-20R0D Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0F BOURNS-FWP218-15A-20R0F Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0G BOURNS-FWP218-15A-20R0G Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
More results

Similar Description - FWP2324H-BP-R005T

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
USN2-1410 RIEDON-USN2-1410 Datasheet
305Kb / 2P
Precision Foil Resistors
USR2-0710 RIEDON-USR2-0710 Datasheet
261Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410 Datasheet
269Kb / 2P
Precision Foil Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220 Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_13 Datasheet
177Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220_13 Datasheet
211Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
Precision Foil Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com