Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWP2324H-BP-R005T Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # FWP2324H-BP-R005T
Description  Riedon™ Precision Foil Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWP2324H-BP-R005T Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  FWP2324H-BP-R005T Datasheet HTML 1Page - Bourns Electronic Solutions FWP2324H-BP-R005T Datasheet HTML 2Page - Bourns Electronic Solutions FWP2324H-BP-R005T Datasheet HTML 3Page - Bourns Electronic Solutions FWP2324H-BP-R005T Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
How To Order
FWP232 4 H - F P - R005 T
Model
FWP232 = Power Resistor
Pin Terminals
4 = 4 Pins
Power Type
(blank) = 15 W
H = 40 W
Resistance Tolerance
B = ±0.1 %
D = ±0.5 %
G = ±0.2 %
F = ±1 %
C = ±0.25 %
J = ±5 %
TCR (PPM/°C)
L = ±2
P = ±15
M = ±5
Q = ±25
N = ±10
Resistance Value Code
“L” represents mΩ for resistance values below 1 mΩ
(example: 1L50 = 1.5 mΩ, 3L30 = 3.3 mΩ)
“R” represents decimal point
(example: R005=0.005Ω, 1R00=1.00 Ω)
Packaging
T = Tube (25 pcs. per plastic tube)
Temperature Coefficient Charts
2000
0
-2000
-4000
-6000
-8000
-10000
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
NOMINAL
Δ R/R
LIMIT 1
LIMIT 2
2000
1000
0
-1000
-2000
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
+10 PPM/°C
-10 PPM/°C
+5 PPM/°C
-5 PPM/°C
NOMINAL
Δ R/R
PWR2324
PWR2324P
REV. 11/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Information
Tube.................................................................................25 pcs. per tube
Typical Part Marking
FWP2324
3L30 F
MANUFACTURER’S
TRADEMARK
MODEL
RESISTANCE CODE:
“L” REPRESENTS
DECIMAL POINT
(EXAMPLES: L005 = 0.005 Ω,
3L30 = 3.3 Ω)
RESISTANCE
TOLERANCE
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com
FWP2324 Series – Riedon™ Precision Foil Power Resistors by Bourns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com