Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6285 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6285
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics L6285 Datasheet HTML 10Page - STMicroelectronics L6285 Datasheet HTML 11Page - STMicroelectronics L6285 Datasheet HTML 12Page - STMicroelectronics L6285 Datasheet HTML 13Page - STMicroelectronics L6285 Datasheet HTML 14Page - STMicroelectronics L6285 Datasheet HTML 15Page - STMicroelectronics L6285 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
The duty cycle DC can be chosen between two
possibilities (High and Low ) than can be defined
externally by the resistors R7, R8 and R9: Fig.5
let well understand how to calculate the dividers
that fix V2 H (wider ton ) and V2 L (wider toff ). It
may be needed to drive stepper motors that re-
quire a higher peak current than told above. In
this case each motor phase requires a particular
application arrangement (see Fig.9b). In Fig.9a all
the protection components are integrated with the
exception of Z1. In Fig.9b the clamp of the volt-
age spikes generated by the stray inductance Ls
is achieved using Transil protection T1 and T2
that works also as additional diodes during cur-
rent recirculation at the phase change. The diode
D1, externally connected, is recommended at the
highest working current levels and/or when the
supplied voltage (plus Back EMF) at the end of
the motor winding is too much unbalanced.
Figure 8: Typical Application Circuit
Figure 9a: Output Configuration as it is obtained
by the Application Circuit
Figure 9b: Output Configuration at Higher Oper-
ating Currents
L6285
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com