Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6285 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6285
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 Datasheet(HTML) 2 Page - STMicroelectronics

  L6285 Datasheet HTML 1Page - STMicroelectronics L6285 Datasheet HTML 2Page - STMicroelectronics L6285 Datasheet HTML 3Page - STMicroelectronics L6285 Datasheet HTML 4Page - STMicroelectronics L6285 Datasheet HTML 5Page - STMicroelectronics L6285 Datasheet HTML 6Page - STMicroelectronics L6285 Datasheet HTML 7Page - STMicroelectronics L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
simple PWM open loop. The 3 motors are control-
led by the micro through 4 latches of 4 bit each.
The loading of these registers is in serial mode.
The I.C. operates at 5V supply for the logic and at
24V supply for the power stages. The packages
are SDIP42 and PLCC44 with 6 pins devoted to
ground and to sink out the heat produced by
power dissipation.
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VP
Power Supply Voltage
30
V
VS
Logic Supply Voltage
7
V
Vin
Logic Input Voltage
-0.3 to VS + 0.3
V
ILOW
Low Side DMOS max DC Current
1
A
IHIGH
High Side DMOS max DC Current
1
A
IpLOW
Low Side DMOS max Peak Current (1
µs On; 50µs OFF)
2
A
IpHIGH
High Side DMOS max Peak Current (1
µs On; 50µsOFF)
2
A
Vbou t
Max Output Voltage of Stepper Motor Driver (transient
rcirculation)
60
V
Vsense 1;2
Max Voltage ON Vsense (CHA/CHB)
-1 to 2
V
Vsense 3
Max Voltage ON Vsense (CHC)
-1 to 2
V
ΙfdDC
Max DC Current of Forward Diode (DMOS Source Drain Diode)
1
A
Ιfdpk
Max Peak Current of Forward Diode (DMOS Source Drain
Diode) (1
µs On; 50µs OFF)
2A
Ptot
Total Power Dissipation (Tpins = 90
°C)
With minimized dissipating copper area (Tamb =70
°C)
5
1.6
W
W
Top
Operating Temperature Range
0 to 150
°C
Tstg
Storage Temperature Range
-40 to 150
°C
THERMAL DATA (PLCC44)
Symbol
Description
SDIP42
PLCC44
Unit
Rth j-pins
Rth j-amb
Thermal Resistance Junction-pins
Thermal Resistance Junction-ambient
Max.
Max.
15
48
12
50
°C/W
°C/W
1
2
3
5
64
7
8
9
10
12
11
13
14
15
16
17
39
38
37
36
34
35
33
32
31
30
29
40
41
42
44 43
23
22
21
19
18
20
28
27
26
24 25
PWGND
OUT1A
S1,2A
OUT2A
OUT3A
CLAMPA
S3,4A
OUT4A
BOOT1
BOOT3
GND
PWGND
OUT1B
S1,2B
OUT2B
OUT3B
CLAMPB
S3,4B
OUT4B
VLOW
COSC
GND
D94IN067
PWGND
OUT1A
S1,2A
OUT2A
CLAMPA
S3,4A
OUT3A
OUT4A
BOOT1
1
3
2
4
5
6
7
8
9
VLOW
OUT4B
S3,4B
CLAMPB
OUT3B
OUT2B
S1,2B
OUT1B
PWGND
37
36
35
34
33
31
32
30
29
D94IN060A
10
11
12
13
14
42
41
40
39
38
OUT2C
COM1,2A
VP
COM3,4A
N.C.
COM3,4B
VP
COM1,2B
OUT1C
S1,2C
BOOT3
GND
N.C.
SID
BOOT2
SCK
STB
15
16
VS
A0TH
A1TH
V2
OSC RESET
GND
COSC
28
27
26
24
25
23
22
17
18
19
20
21
PLCC44
SDIP42
L6285
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com