Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-1 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC1069-1
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 5 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LTC1069-6
5
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Output Voltage Swing
vs Temperature
Dynamic Range THD + Noise
vs Input/Output Voltage
Dynamic Range THD + Noise
vs Input Voltage
THD + Noise vs Frequency
INPUT/OUTPUT VOLTAGE (VP-P)
0.1
–90
–80
–70
–60
–50
1
3
1069-6 G14
–85
–75
–65
–55
–45
–40
fCLK = 170kHz
fCUTOFF = 3.4kHz
fIN = 1kHz
VIN = 2.945VP-P
INPUT VOLTAGE (VRMS)
0.1
0.5 0.76 1.43
–90
–80
–70
–60
–50
1
5
1069-6 G10
–85
–75
–65
–55
–45
–40
fCLK = 500kHz
fIN = 1kHz
VS = SINGLE 3V
VS =
SINGLE 5V
FREQUENCY (kHz)
1
5
10
1069-6 G11
–90
–80
–70
–60
–50
–85
–75
–65
–55
–45
–40
fCLK = 500kHz
fCUTOFF = 10kHz
VS = SINGLE 3V
VIN = 0.5VRMS
VS = SINGLE 5V
VIN = 1VRMS
TOTAL SUPPLY VOLTAGE (V)
0
0
2
5
4
8
10
1069-6 G12
1
4
3
2
6
12
14
16
85°C
–40°C
25°C
AMBIENT TEMPERATURE (°C)
–40 –20
0
20
40
60
80
0
20
40
60
80
4.5
2.5
4.0
2.0
1069-6 G13
RL = 10k
VS = SINGLE 5V
VS = SINGLE 3V
VS = SINGLE 3V
VS = SINGLE 5V
PIN FUNCTIONS
AGND (Pin 1): Analog Ground. The quality of the analog
signal ground can affect the filter performance. For either
single or dual supply operation, an analog ground plane
surrounding the package is recommended. The analog
ground plane should be connected to any digital ground
at a single point. For single supply operation, Pin 1 should
be bypassed to the analog ground plane with a 0.47µF
capacitor or larger. An internal resistive divider biases
Pin 1 to 0.4366 times the total power supply of the device
(Figure 1). That is, with a single 5V supply, the potential
at Pin 1 is 2.183V ±1%. As the LTC1069-6 is optimized
V+
NC
VIN
VOUT
V–
1
2
3
4
8
7
6
5
NC
CLK
LTC1069-6
1069-6 F01
AGND
11.325k 8.775k
Figure 1. Internal Biasing of the Analog Ground (Pin 1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com