Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-1 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1069-1
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices LTC1069-1 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LTC1069-6
6
Rev. B
For more information www.analog.com
PIN FUNCTIONS
for single supply operation, the internal biasing of Pin 1
allows optimum output swing. The AGND pin should be
buffered if used to bias other ICs. Figure 2 shows the
connections for single supply operation.
AGND
V+
V+
NC
VIN
VIN
VOUT
VOUT
V–
1
2
3
4
8
7
6
5
1k
NC
CLK
LTC1069-6
ANALOG GROUND PLANE
DIGITAL
GROUND
PLANE
0.47µF
0.1µF
1069-6 F02
CLOCK
SOURCE
STAR
SYSTEM
GROUND
V+, V– (Pins 2, 7): Power Supply Pins. The V+ (Pin 2)
and the V– (Pin 7, if used) should be bypassed with a
0.1µF capacitor to an adequate analog ground. The filter’s
power supplies should be isolated from other digital or
high voltage analog supplies. A low noise linear supply is
recommended. Switching power supplies will lower the
signal-to-noise ratio of the filter. Unlike previous mono-
lithic filters, the power supplies can be applied in any
order, that is, the positive supply can be applied before
the negative supply and vice versa. Figure 3 shows the
connection for dual supply operation.
AGND
V+
V+
NC
VIN
VIN
VOUT
VOUT
V–
V–
1
2
3
4
8
7
6
5
1k
NC
CLK
LTC1069-6
ANALOG GROUND PLANE
DIGITAL
GROUND
PLANE
STAR
SYSTEM
GROUND
0.1µF
0.1µF
1069-6 F03
CLOCK
SOURCE
Figure 2. Connections for Single Supply Operation
Figure 3. Connections for Dual Supply Operation
NC (Pins 3, 6): No Connection. Pins 3 and 6 are not con-
nected to any internal circuitry; they should be tied to
ground.
VIN (Pin 4): Filter Input Pin. The Filter Input pin is internally
connected to the inverting input of an op amp through a
50k resistor.
CLK (Pin 5): Clock Input Pin. Any TTL or CMOS clock
source with a square wave output and 50% duty cycle
(±10%) is an adequate clock source for the device. The
power supply for the clock source should not necessarily
be the filter’s power supply. The analog ground of the filter
should be connected to the clock’s ground at a single
point only. Table 1 shows the clock’s low and high level
threshold value for a dual or single supply operation. A
pulse generator can be used as a clock source provided
the high level ON time is greater than 0.42µs (VS = ±5V).
Sine waves less than 100kHz are not recommended for
clock frequencies because, excessive slow clock rise or
fall times generate internal clock jitter. The maximum
clock rise or fall time is 1µs. The clock signal should be
routed from the right side of the IC package to avoid cou-
pling into any input or output analog signal path. A 1k
resistor between the clock source and the Clock Input
(Pin 5) will slow down the rise and fall times of the clock
to further reduce charge coupling (Figure 1).
Table 1. Clock Source High and Low Thresholds
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply = ±5V
1.5V
0.5V
Single Supply = 10V
6.5V
5.5V
Single Supply = 5V
1.5V
0.5V
Single Supply = 3.3V
1.2V
0.5V
VOUT (Pin 8): Filter Output Pin. Pin 8 is the output of
the filter, and it can source 8mA or sink 1mA. The total
harmonic distortion of the filter will degrade when driving
coaxial cables or loads less than 20k without an output
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com