Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2126CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 2Page - Intersil Corporation EL2126CS Datasheet HTML 3Page - Intersil Corporation EL2126CS Datasheet HTML 4Page - Intersil Corporation EL2126CS Datasheet HTML 5Page - Intersil Corporation EL2126CS Datasheet HTML 6Page - Intersil Corporation EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation EL2126CS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN7046.4
May 2, 2007
FIGURE 5. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS GAIN
FIGURE 6. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS GAIN
FIGURE 7. INVERTING FREQUENCY RESPONSE FOR
VARIOUS GAIN
FIGURE 8. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 9. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS OUTPUT SIGNAL LEVELS
FIGURE 10. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS OUTPUT SIGNAL LEVELS
Typical Performance Curves (Continued)
10
6
2
-2
-6
-10
1M
10M
100M
FREQUENCY (Hz)
AV = 10
VS = ±5V
RG = 20Ω
RL = 500Ω
CL = 5pF
AV = 20
AV = 50
10
6
2
-2
-6
-10
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
RG = 20Ω
RL = 500Ω
CL = 5pF
AV = 10
AV = 20
AV = 50
8
4
0
-4
-8
-12
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
CL = 5pF
RG = 35Ω
AV = -10
AV = -20
AV = -50
8
4
0
-4
-8
-12
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
CL = 5pF
RG = 20Ω
AV = -10
AV = -20
AV = -50
8
4
0
-4
-8
-12
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
CL = 5pF
RL = 500Ω
RF = 180Ω
AV = 10
VO = 2.5VPP
VO = 5VPP
VO = 1VPP
VO = 30mVPP
VO = 500mVPP
10
6
2
-2
-6
-10
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
CL = 5pF
RL = 500Ω
RF = 180Ω
AV = 10
VO = 5VPP
VO = 1VPP
VO = 2.5VPP
VO = 30mVPP
VO = 500mVPP
VO = 10VPP
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com