Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2126CS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 4Page - Intersil Corporation EL2126CS Datasheet HTML 5Page - Intersil Corporation EL2126CS Datasheet HTML 6Page - Intersil Corporation EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation EL2126CS Datasheet HTML 10Page - Intersil Corporation EL2126CS Datasheet HTML 11Page - Intersil Corporation EL2126CS Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN7046.4
May 2, 2007
FIGURE 17. OPEN LOOP GAIN AND OPEN LOOP PHASE
FIGURE 18. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 19. BANDWIDTH vs Vs
FIGURE 20. PEAKING vs Vs
FIGURE 21. LARGE SIGNAL STEP RESPONSE
FIGURE 22. SMALL SIGNAL STEP RESPONSE
Typical Performance Curves (Continued)
100
80
60
40
20
0
10k
10M
1G
FREQUENCY (Hz)
100k
100M
1M
250
150
50
-50
-150
-250
GAIN
PHASE
VS=±5V
0.6/DIV
1.5/DIV
SUPPLY VOLTAGE (V)
0
0
160
140
100
80
40
20
0
02468
10
14
16
±VS (V)
12
60
120
VS = ±5V
RG = 20Ω
RL = 500Ω
CL = 5pF
AV = -10
AV = 10
AV = -20
AV = -20
AV = 50
AV = -50
3.0
2.5
2.0
1.0
0.5
0
02468
10
14
16
±SUPPLY VOLTAGE (V)
12
1.5
VS = ±5V
RG = 20Ω
RL = 500Ω
CL = 5pF
AV = 10
AV = -10
0.5V/DIV
10ns/DIV
VS = ±5V
VO = 2VPP
RF = 180Ω
RG = 20Ω
20mV/DIV
10ns/DIV
VS = ±5V
VO = 100mVPP
RF = 180Ω
RG = 20Ω
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com