Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2125CSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2125CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2125CSZ Datasheet HTML 3Page - Intersil Corporation EL2125CSZ Datasheet HTML 4Page - Intersil Corporation EL2125CSZ Datasheet HTML 5Page - Intersil Corporation EL2125CSZ Datasheet HTML 6Page - Intersil Corporation EL2125CSZ Datasheet HTML 7Page - Intersil Corporation EL2125CSZ Datasheet HTML 8Page - Intersil Corporation EL2125CSZ Datasheet HTML 9Page - Intersil Corporation EL2125CSZ Datasheet HTML 10Page - Intersil Corporation EL2125CSZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN7045.3
May 4, 2007
FIGURE 17. 3dB BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 18. PEAKING vs SUPPLY VOLTAGE
FIGURE 19. SMALL SIGNAL STEP RESPONSE
FIGURE 20. SMALL SIGNAL STEP RESPONSE
FIGURE 21. LARGE SIGNAL STEP RESPONSE
FIGURE 22. LARGE SIGNAL STEP RESPONSE
Typical Performance Curves (Continued)
250
200
150
100
50
0
2468
10
12
14
16
VS (±V)
AV = 10
AV = -10
AV = 50 AV = -50
AV = 20
AV = -20
3
2.5
2
1.5
1
0.5
0
2
4
6
8
10
12
14
16
VS (±V)
AV = 10
AV = -10
AV = 50
AV = -50
AV = 20
AV = -20
10ns/DIV
VINx2
VO
VS = ±5V
RL = 500Ω
RF = 180Ω
AV = 10
CL = 5pF
10ns/DIV
VINx2
VO
VS = ±15V
RL = 500Ω
RF = 180Ω
AV = 10
CL = 5pF
TIME (20ns/DIV)
VS = ±5V
RL = 500Ω
RF = 180Ω
AV = 10
CL = 5pF
TIME (20ns/DIV)
VS = ±15V
RL = 500Ω
RF = 180Ω
AV = 10
CL = 5pF
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com