Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2125CSZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL2125CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CSZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL2125CSZ Datasheet HTML 7Page - Intersil Corporation EL2125CSZ Datasheet HTML 8Page - Intersil Corporation EL2125CSZ Datasheet HTML 9Page - Intersil Corporation EL2125CSZ Datasheet HTML 10Page - Intersil Corporation EL2125CSZ Datasheet HTML 11Page - Intersil Corporation EL2125CSZ Datasheet HTML 12Page - Intersil Corporation EL2125CSZ Datasheet HTML 13Page - Intersil Corporation EL2125CSZ Datasheet HTML 14Page - Intersil Corporation EL2125CSZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN7045.3
May 4, 2007
FIGURE 41. POSITIVE OUTPUT SWING vs TEMPERATURE
FIGURE 42. NEGATIVE OUTPUT SWING vs TEMPERATURE
FIGURE 43. NEGATIVE OUTPUT SWING vs TEMPERATURE
FIGURE 44. LOADED NEGATIVE OUTPUT SWING vs
TEMPERATURE
FIGURE 45. NEGATIVE OUTPUT SWING vs TEMPERATURE
FIGURE 46. LOADED POSITIVE OUTPUT SWING vs
TEMPEARTURE
Typical Performance Curves (Continued)
13.6
13.5
13.4
-50
DIE TEMPERATURE (°C)
0
100
150
50
VS = ±15V
-9.75
-9.8
-9.85
-9.9
-9.95
-50
DIE TEMPERATURE (°C)
0
100
50
VS = ±5V
150
-13.4
-13.5
-13.6
-13.7
-50
DIE TEMPERATURE (°C)
0
100
150
50
VS = ±15V
-3.42
-3.44
-3.46
-3.48
-3.5
-3.52
-50
DIE TEMPERATURE (°C)
0
100
150
50
VS = ±5V
-9.6
-9.8
-10
-10.2
-10.4
-10.6
-10.8
-50
DIE TEMPERATURE (°C)
0100
150
50
VS = ±15V
3.35
3.3
3.25
-50
DIE TEMPERATURE (°C)
0100
150
50
VS = ±5V
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com